Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
www.national.com
22
Revision 2.1
Functional Description (Continued)
3.2.3
Timing Signals
The CS9211 provides features that allow control over the
timing pulses coming from the CS550A (or other source)
and over those which drive the panel. These pulses may be
inverted, positioned, and otherwise modified as explained
in this section.
3.2.3.1
Input Timing Signals
The internal logic of the CS9211 is designed to operate
from the leading edge of the incoming VSYNC and HSYNC
pulses. This internal logic is triggered from the rising edge
of the input pulses after inversion (or not) by Offset 400h
bits 30 and 29, as shown in Figure 3-7. The purpose of the
Offset 400h[30:29] is to make the leading edge of the input
pulses (be it a rising or falling edge) appear as a rising
edge to the internal logic, thereby triggering the internal
logic at the leading edge of the input pulses. In Figure 3-7,
when the FP_xSYNC_POL bit is 1 (POL = 1), the inverting
buffer will be enabled; when the FP_xSYNC_POL bit is 0
(POL = 0), the non-inverting buffer will be enabled. (The
terminology FP_xSYNC_POL refers to the fact that this
holds true for both the HSYNC and VSYNC pulses).
Two bits (Offset 400h[30:29]) are used to match the
CS9211 to the polarity of the incoming HSYNC and
VSYNC signals, as shown in Table 3-5. These bits should
be set as indicated to match the polarity of the incoming
timing pulses to the CS9211’s internal logic needs.
The internal logic following the HSYNC input may be
bypassed by programming Offset 400h[27] = 0. In this
case, the input HSYNC, after possible inversion by Offset
400[29], is passed directly onto the output pin of the
CS9211. If Offset 400h[27] = 1, then the incoming HSYNC
pulse may be modified by Offset 400h[7:0] before being
passed to the output HSYNC pin.
Figure 3-7. Input Timing Pulse Polarity Selection
Internal
Logic
Sync
Leading Edge
POL = 1
POL = 0
Input
Table 3-5. Input Timing Control Bits
Bit
Name
Description
Offset 400h-403h
Panel Timing Register 1 (R/W)
Reset Value = 0000000h
30
FP_VSYNC_POL
FP_VSYNC Input Polarity: Selects positive or negative polarity of the FP_VSYNC input (pin 99).
Program this bit to match the polarity of the incoming FP_VSYNC signal. Note that bit 23 of Offset
404h independently controls the polarity of the output VSYNC.
0 = FP_VSYNC is normally low, transitioning high during sync interval (Default).
1 = FP_VSYNC is normally high, transitioning low during sync interval.
29
FP_HSYNC_POL
FP_HSYNC Input Polarity: Selects positive or negative polarity of the FP_HSYNC input (pin 97).
Program this bit to match the polarity of the incoming FP_HSYNC signal. Note that bit 22 of Offset
404h independently controls the polarity of the output HSYNC.
0 = FP_HSYNC is normally low, transitioning high during sync interval (Default).
1 = FP_HSYNC is normally high, transitioning low during sync interval.
27
HSYNC_SRC
TFT Horizontal Sync Source: Selects an internally generated or external pass-through source of
the TFT horizontal sync output on pin 31. The internally generated HSYNC pulse will be triggered by
the input HSYNC, but the output polarity, and leading and trailing edge positions are controlled by
registers 404h[22] and 400h[7:0] respectively. The external mode will pass the input HSYNC pulse
directly to the output pin.
0 = Pass the input HSYNC directly onto the output LP/HSYNC pin (pin 31) (Default).
1 = Internally generate the output HSYNC using the leading/trailing edge bits [7:0] and the polarity
bit (Offset 404h[22]).
7:5
HSYNC_LEADING_
EDGE
Horizontal Sync Leading Edge Position: Selects the position of the leading edge of the output
HSYNC pulse with respect to the rising edge of the modified input HSYNC pulse. The modified input
HSYNC pulse is that which has been inverted, or not inverted, by bit 29. The position is programma-
ble in steps of 1 DOTCLK, starting at 2 DOTCLOCKS and extending up to 8. Bit 27 must be set in
order for bits [7:5] to be recognized. Note that there are combinations of bits [7:5] and [4:0] that can
result in a zero- or negative-length pulse, for example if the trailing edge is positioned before the
leading edge. In this case, the output pulse will not be generated.
000 = No delay from the input HSYNC (Default).
001-111 = Position the HSYNC leading edge by 2 to 8 DOTCLKs with respect to the input HSYNC
rising edge. Note that there is no setting for a position of 1 DOTCLOCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com