Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 34Page - National Semiconductor (TI) CS9211 Datasheet HTML 35Page - National Semiconductor (TI) CS9211 Datasheet HTML 36Page - National Semiconductor (TI) CS9211 Datasheet HTML 37Page - National Semiconductor (TI) CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
www.national.com
38
Revision 2.1
Functional Description (Continued)
3.2.13 General Purpose I/O Pins
The CS9211 provides eight GPIO (General Purpose I/O)
pins. There are two 32-bit registers used for programming
the GPIO pins:
• GPIO Control Register (Offset 438h):
— TYPE Bits [7:0] - Allows for setting each GPIO pin’s
direction (i.e., input or output).
— MODE Bits [15:8] - Selects pins mode (i.e., normal
mode or weak pull-up/down mode).
— PUPD Bits [23:16] - Enables selected pull-up/down
mode (as long as corresponding MODE bit is
enabled and TYPE bit is set as an output).
• GPIO Data Register (Offset 434h)
— DATA Bits [7:0] - Contain direct values of the GPIO
pins. Write operations to the corresponding GPIO
pins should be done only for bits defined as outputs.
Reads from the data register will read the last written
value if the pin is an output.
— STS Bits [15:8] are read only status bits. The valid
GPIO pins’ status can be read from those pins.
Table 3-19 "GPIO Pin Programming Registers" on page 38
gives the bit formats of the registers used for programming
the GPIO pins.
Table 3-19. GPIO Pin Programming Registers
Bit
Name
Description
Offset 434h-437h
GPIO Data Register (R/W)
Reset Value = xxxxxx00h
31:16
RSVD
Reserved (Read Only)
15
GPIO7_STS
GPIO7 Pin State (Read Only): Reports the value of pin GPIO7 when it is configured as an input.
14
GPIO6_STS
GPIO6 Pin State (Read Only): Reports the value of pin GPIO6 when it is configured as an input.
13
GPIO5_STS
GPIO5 Pin State (Read Only): Reports the value of pin GPIO5 when it is configured as an input.
12
GPIO4_STS
GPIO4 Pin State (Read Only): Reports the value of pin GPIO4 when it is configured as an input.
11
GPIO3_STS
GPIO3 Pin State (Read Only): Reports the value of pin GPIO3 when it is configured as an input.
10
GPIO2_STS
GPIO2 Pin State (Read Only): Reports the value of pin GPIO2 when it is configured as an input.
9
GPIO1_STS
GPIO1 Pin State (Read Only): Reports the value of pin GPIO1 when it is configured as an input.
8
GPIO0_STS
GPIO0 Pin State (Read Only): Reports the value of pin GPIO0 when it is configured as an input.
7
GPIO7_DATA
GPIO7 Pin Configuration: Reflects the level of GPIO7. 0 = Low, 1 = High. (Note)
6
GPIO6_DATA
GPIO6 Pin Configuration: Reflects the level of GPIO6. 0 = Low, 1 = High. (Note)
5
GPIO5_DATA
GPIO5 Pin Configuration: Reflects the level of GPIO5. 0 = Low, 1 = High. (Note)
4
GPIO4_DATA
GPIO4 Pin Configuration: Reflects the level of GPIO4. 0 = Low, 1 = High. (Note)
3
GPIO3_DATA
GPIO3 Pin Configuration: Reflects the level of GPIO3. 0 = Low, 1 = High. (Note)
2
GPIO2_DATA
GPIO2 Pin Configuration: Reflects the level of GPIO2. 0 = Low, 1 = High. (Note)
1
GPIO1_DATA
GPIO1 Pin Configuration: Reflects the level of GPIO1. 0 = Low, 1 = High. (Note)
0
GPIO0_DATA
GPIO0 Pin Configuration: Reflects the level of GPIO0. 0 = Low, 1 = High. (Note)
Note: Bits [7:0] contain the direct values of the GPIO pins. Write operations can be done only for GPIOs that are defined as outputs.
Reads from these bits read the last written value if the GPIO pin is configured as an output. The direction of the GPIO pins is con-
trolled through Offset 438h[7:0].
Offset 438h-43Bh
GPIO Control Register (R/W)
Reset Value = 00000000h
31:24
RSVD
Reserved:Set to 0.
23
GPIO7_PUPD
GPIO7 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
22
GPIO6_PUPD
GPIO6 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
21
GPIO5_PUPD
GPIO5 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
20
GPIO4_PUPD
GPIO4 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
19
GPIO3_PUPD
GPIO3 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
18
GPIO2_PUPD
GPIO2 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
17
GPIO1_PUPD
GPIO1 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
16
GPIO0_PUPD
GPIO0 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
15
GPIO7_MODE
GPIO7 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
14
GPIO6_MODE
GPIO6 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
13
GPIO5_MODE
GPIO5 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
12
GPIO4_MODE
GPIO4 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
11
GPIO3_MODE
GPIO3 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
10
GPIO2_MODE
GPIO2 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com