Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Revision 2.1
25
www.national.com
Functional Description (Continued)
4:0
HSYNC_TRAILING
_EDGE
Horizontal Sync Trailing Edge Position: Selects the position of the trailing edge of the output
HSYNC pulse with respect to the rising edge of the modified input HSYNC pulse. The modified input
HSYNC pulse is that which has been inverted, or not inverted, by bit 29. The position is programma-
ble in steps of 1 DOTCLK, starting at 1 DOTCLOCK and extending up to 31. Bit 27 must be set in
order for bits [4:0] to be recognized. Note that there are combinations of bits [7:5] and [4:0] that can
result in a zero- or negative-length pulse, for example if the trailing edge is positioned before the
leading edge. In this case, the output pulse will not be generated.
00000 = Does not generate the HSYNC pulse if bit 27 = 0. (Default).
00001 - 11111 = The HSYNC trailing edge position can be varied from 1 to 31 DOTCLKs with
respect to the input HYSNC rising edge.
Offset 404h-407h
Panel Timing Register 2 (R/W)
Reset Value = 00000000h
30
PASS_THRU
Pass-Through: Activates the Pass-Through mode. In Pass-Through mode, the input timing and the
pixel data are passed directly onto the panel interface timing and the panel data pins to drive the
panel; the internal CS9211 logic and timing is not used. In normal mode, Offset 400h[7:0], 404h[29],
and 404h[27:24] are effective.
0 = Normal mode; output timing uses the logic and timing from the CS9211.
1 = Pass-Through mode; CS9211 internal timing logic functions are not used.
29
LDE_POL_SEL
Display Timing Strobe Polarity Select: Selects the polarity of the LDE pin (pin 32). This can be
used for some TFT panels that require an active low timing LDE.
0 = LDE signal is active low (Default).
1 = LDE signal is active high.
27
PSH_CLK_CTL
Panel Shift Clock Retrace Activity Control: Programs the shift clock (SHFCLK, pin 30) to be either
free running or active only during the display period. Some TFT panels recommend keeping the shift
clock running during the retrace time. This bit has no effect in DSTN or SSTN modes.
0 = Shift clock is active only during active display period.
1 = Shift clock is free running during the entire frame period.
26
LP_HSYNC_SEL
LP/HSYNC Select: Selects the function of LP/HSYNC (pin 31). Set this bit based on the panel type
connected. For DSTN or SSTN panels, set this bit to 0. For TFT panels, set this bit to 1.
0 = LP (output for DSTN/SSTN panel).
1 = HSYNC (output for TFT panel).
23
VSYNC_POL
Vertical Sync Output Polarity: Selects polarity of the output VSYNC signal (pin 33). This bit is
effective only for TFT panels; for this bit to function, bit 24 must be set to 1. Note that Offset 400h[30]
selects the polarity of the input HSYNC, whereas bit 23 selects the polarity of the output VSYNC.
0 = VSYNC output is active high.
1 = VSYNC output is active low.
22
HSYNC_POL
Horizontal Sync Output Polarity: Selects polarity of output HSYNC signal (pin 31). This bit is effec-
tive only for TFT panels; for this bit to function, bit 26 must be set to 1. Note that Offset 400h[29]
selects the polarity of the input VSYNC, whereas bit 22 selects the polarity of the output HSYNC.
0 = HSYNC output is active high.
1 = HSYNC output is active low.
13
CONT_LPS
Continuous Line Pulses: This bit selects whether line pulses are continuously output or are output
only during the active display time. In most cases, DSTN panels require continuous line pulses
(LPs). This bit will have no effect if the CS9211 is set to TFT mode.
0 = Continuous line pulses.
1 = Line pulses during the display time only.
Table 3-8. Panel Output Timing Selection Bits (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com