Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
www.national.com
50
Revision 2.1
Electrical Specifications (Continued)
5.4
DC CHARACTERISTICS
Table 5-5 lists the DC characteristics for the CS9211. All
DC parameters and current measurements in this section
were measured under the operating conditions listed in
Table 5-4 "Operating Conditions" on page 49, unless other-
wise noted.
Table 5-5. DC Characteristics
Symbol
Parameter
Min
Max
Units
Comments
ICC
Supply Current (dynamic)
140
mA
VDD nominal, (Note 1)
VOL
Output Low Voltage
0.4
V
IOL =4 mA, (Note 2)
VOH
Output High Voltage
2.4
V
IOH =400 µA, (Note 3)
IDD
Static IDD
550
µA
All Inputs are forced low
IIH
High-Level Input Leakage Current
–10
–10
µA
VIH =VDD
Input with internal pull-ups
–200
10
µA
VIH =VDD
IIL
Low-level Input Leakage Current
–10
10
µAV
IL =0V
Input with internal pull-ups
–200
200
µAV
IL =0V
IOZH
High-Level I/O Leakage Current
–10
10
µA
VIH =VDD
IOSL
Low-Level I/O Leakage Current
–10
10
µA
VIL =0V
CIN
Input Capacitance
10
pF
1)
VDD =3.3V±5%, TCASE = 0°C to 85°C, unless otherwise specified.
2)
IOL is specified for a standard buffer.
3)
IOH is specified for a standard buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com