Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) CS9211 Datasheet HTML 56Page - National Semiconductor (TI) CS9211 Datasheet HTML 57Page - National Semiconductor (TI) CS9211 Datasheet HTML 58Page - National Semiconductor (TI) CS9211 Datasheet HTML 59Page - National Semiconductor (TI) CS9211 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
www.national.com
56
Revision 2.1
Electrical Specifications (Continued)
Table 5-11. SDRAM Read Timing
Symbol
Parameter
Min
Max
Units
Comments (Note 1)
t1
Clock Cycle Time
20
ns
t2
CS# Setup Time
2
ns
t3
CS#HoldTime
1
ns
t4
RAS# Setup Time
2
ns
t5
RAS# Hold Time
1
ns
t6
CAS# Setup Time
2
ns
t7
CAS# Hold Time
1
ns
t8
WE# Setup Time
2
ns
t9
WE#HoldTime
1
ns
t10
Address (MA) Setup Time
2
ns
t11
Address (MA) Hold Time
1
ns
t12
DQM Setup Time
2
ns
t13
DQM Hold Time
1
ns
t14
Data-In Setup Time
0.1
2
ns
t15
Data-InHoldTime
0.1
2
ns
1.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC =0
oCto 85oC, and C
L =50pF.
Table 5-12. SDRAM Write Timing
Symbol
Parameter
Min
Max
Units
Comments (Note 1)
t1
Clock Cycle Time
20
ns
t2
CS# Setup Time
2
ns
t3
CS#HoldTime
1
ns
t4
RAS# Setup Time
2
ns
t5
RAS# Hold Time
1
ns
t6
CAS# Setup Time
2
ns
t7
CAS# Hold Time
1
ns
t8
WE# Setup Time
2
ns
t9
WE#HoldTime
1
ns
t10
Address (MA) Setup Time
2
ns
t11
Address (MA) Hold Time
1
ns
t12
DQM Setup Time
2
ns
t13
DQM Hold Time
1
ns
t14
Data-Out Setup Time
2
ns
t15
Data-Out Hold Time
1
ns
1.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC =0
oCto 85oC, and C
L =50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com