Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
www.national.com
24
Revision 2.1
Functional Description (Continued)
Frame Pulse (VSYNC)
VSYNC pulses are provided to the attached panel in one of
two ways, either externally or internally. If the PASS_THRU
mode is set (Offset 404h[30] = 1), the input FP_VSYNC
(pin 99) is passed through unchanged to the output pin
FLM/VSYNC (pin 33).
If the PASS-THRU mode is not set (Offset 404h[30] = 0),
then the VSYNC/FLM pulse is generated internally in
response to the input FP_VSYNC pulse. The manner in
which the internal VSYNC/FLM pulse is generated
depends on the mode set by Offset 404h[21:16].
If an SSTN panel is chosen, then the output FLM pulse is
generated in response to each incoming FP_VSYNC.
If a DSTN panel is chosen, then the counter VPAN_SIZE
(Offset 400h[26:16]) comes into play (see Table 3-8). The
first FLM (First Line Marker) is generated at the beginning
of the first line. Then the CS9211 counts the number of
lines. A second FLM is generated when half number of total
lines has been reached. This is required because in DSTN
panels, both halves of the panel are receiving new lines of
data simultaneously, thus a new FLM pulse is required
when both halves of the panel have been simultaneously
refreshed.
The polarity of the output VSYNC pulse may be inverted by
Offset 404h[23] only if Offset 404h[24] = 1.
Shift Clock
Table 3-7 shows the relationship between the output shift
clock (SHFCLK) and the input DOTCLK. This relationship
varies depending on the panel type as selected by Offset
404h[21:18].
One additional bit exists to allow more control over the out-
put shift clock. The Panel Shift Clock Retrace Activity Con-
trol bit at Offset 404h[27] allows the shift clock to be active
only during active data transfer or free running as required
by some panel types. In case of STN (DSTN/SSTN)
modes, the panel shift clock retrace activity control bit does
not have any effect.
Table 3-7. Input DOTCLK vs. Panel SHFCLK
Panel
Clock
DSTN
24-Bit
DSTN
16-Bit
STN
8-Bit
TFT
9-Bit
TFT
18-Bit
TFT
9+9-Bit
TFT
12+12-Bit
SHFCLK
DOTCLK/4
DOTCLK/(3:2:3)
DOTCLK/(3:2:3)
DOTCLK
DOTCLK
DOTCLK/2
DOTCLK/2
Table 3-8. Panel Output Timing Selection Bits
Bit
Name
Description
Offset 400h-403h
Panel Timing Register 1 (R/W)
Reset Value = 0000000h
29
FP_HSYNC_POL
FP_HSYNC Input Polarity: Selects positive or negative polarity of the FP_HSYNC input (pin 97).
Program this bit to match the polarity of the incoming FP_HSYNC signal. Note that bit 22 of Offset
404h independently controls the polarity of the output HSYNC.
0 = FP_HSYNC is normally low, transitioning high during sync interval (Default).
1 = FP_HSYNC is normally high, transitioning low during sync interval.
26:16
PAN_VSIZE
Panel Vertical Size: This field represents the panel vertical size in terms of scan lines. The value
programmed should be equal to the panel size that is being connected.
This can be used only for DSTN/STN modes.
Example: 640x480 = 1E0h, 800x600 = 258h, and 1024x768 = 300h.
7:5
HSYNC_LEADING_
EDGE
Horizontal Sync Leading Edge Position: Selects the position of the leading edge of the output
HSYNC pulse with respect to the rising edge of the modified input HSYNC pulse. The modified input
HSYNC pulse is that which has been inverted, or not inverted, by bit 29. The position is programma-
ble in steps of 1 DOTCLK, starting at 2 DOTCLOCKS and extending up to 8. Bit 27 must be set in
order for bits [7:5] to be recognized. Note that there are combinations of bits [7:5] and [4:0] that can
result in a zero- or negative-length pulse, for example if the trailing edge is positioned before the
leading edge. In this case, the output pulse will not be generated.
000 = No delay from the input HSYNC (Default).
001-111 = Position the HSYNC leading edge by 2 to 8 DOTCLKs with respect to the input HSYNC
rising edge. Note that there is no setting for a position of 1 DOTCLOCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com