Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
Revision 2.1
15
www.national.com
Functional Description (Continued)
3.1.2
Panel Connections
As illustrated in Figure 3-3, the connections between the
CS9211 and the LCD panel being driven are simple. There
are three groups of interconnect: Power Control, Timing,
and Data. Because of the wide variety of LCD panels cur-
rently used in the industry, this interface is discussed briefly
and generically.
Power control signals enable the panel’s backlight, main
power, and contrast voltage. In some cases, these signals
may be directly connected to the panel being used; in other
cases, external circuitry such as a power FET, may be
required. Consult the data sheet of the panel being used in
the design for details.
Timing signals are connected directly to the panel. Differ-
ent panel manufacturers use various nomenclatures to
identify the timing signals, some of which are shown (sepa-
ratedby the “/” character)inFigure3-3.
The output of the CS9211 is a 24-bit data bus that is artifi-
cially split into two 12-bit data buses by the CS9211’s
adopted nomenclature (UD/LD). The output data presented
on these buses “moves” from pin to pin depending on the
type of panel being used, as determined by the contents of
several of the CS9211’s internal registers. These output
buses should be thought of as one 24-bit bus for ease of
the designer’s understanding and to avoid confusion with
panels which have a UD/LD-type data bus nomenclature.
3.1.3
Memory Connections
The interface between the CS9211 and the frame buffer
memory (if used) is straightforward. Signal names used in
theCS9211match up with thoseusedbythe standard
EDO DRAM and SDRAM devices. Note that the frame
buffer memory is only required for DSTN panels. If the
memory is not required, the memory interface signals from
the CS9211 may remain unconnected.
If a DSTN panel is used, the CS9211 must be connected to
an external frame buffer RAM, which may be either EDO
DRAM or SDRAM. The external frame buffer is not
required if an SSTN panel is used. Pixel data is received by
the pixel port, formatted by a dither block and programma-
ble FRM, and stored in the CS9211 frame buffer. The for-
matted pixel data is subsequently read from the frame
buffer and used to refresh half the DSTN panel, while the
other half receives “live” data from the CS550A.
3.1.4
Crystal Oscillator Interface
The CS9211 requires a 14.318 MHz input clock to gener-
ate power sequencing signals to the panel. The input fre-
quency should be 14.318 MHz. The clock may come from a
compatible clock source anywhere in the design, or from a
dedicated crystal oscillator tank circuit. The recommended
oscillator tank circuit is shown in Figure 3-2.
Figure 3-2. Oscillator Tank Circuit
Figure 3-3. CS9211 and Flat Panel Signal Connections
Geode™
CS9211
Graphics
Companion
14.318 MHz
Crystal
10 pF
10 pF
XTALIN
XTALOUT
DISPOFF#
Backlight Enable
Geode™
CS9211
Graphics
Companion
Panel Main Power Enable
Panel Contrast Voltage Enable
LP/HSYNC/CL1
FLM/VSYNC/FRAME
SF/SHIFT/CL2
LDE(TFT)/MOD(DSTN)
Panel Data (as required)
LCD Panel
FP_VDDEN
FP_VCONEN
LP/HSYNC
FLM/VSYNC
SHFCLK
LDE/MOD
UD[11:0]
LD[11:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com