Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) CS9211 Datasheet HTML 32Page - National Semiconductor (TI) CS9211 Datasheet HTML 33Page - National Semiconductor (TI) CS9211 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
www.national.com
30
Revision 2.1
Functional Description (Continued)
Figure 3-10 shows the order in which pixels will be dithered
down to the next available intensity, as the least significant
bits increase from “0”, for 1-, 2-, 3-, and 4-bit dithering.
The values are given in hexadecimal. The CS9211 also
supports 5-bit dithering but that pattern is not shown.
The patterns shown in Figure 3-10 are stored in the
CS9211’s internal ROM. These patterns will be used when
the dither ROM is selected by Offset 40Ch[12] = 0.
3.2.6.3
Controlling Dithering
Table3-13"DitheringProgramming Bits"onpage32indi-
cates the register settings used to control the dithering pro-
cess.
The incoming pixel data goes through the dithering logic.
Dither logic is enabled by writing a “1” to Offset 40Ch[0]. If
the dithering logic is disabled, then only FRM will be pro-
ducing the color intensities. FRM cannot be turned off.
The first step in setting the registers is to decide how to
split the incoming bits per pixel between bits used for FRM
and bits used for dithering. Offset 40Ch[6:4, 3:1] deter-
mines these settings; these two groups of bits must be set
to match each other.
Next, the user must decide whether to use the pre-pro-
grammed (ROM) internal dithering patterns or create new
ones in the dither RAM. If RAM will be used, program Off-
set 40Ch[12] and Offset 424h[7:6] accordingly. If pre-pro-
grammed dither patterns (ROM) will be used, the dither
RAM will go into a reduced power state when it is de-
selected by Offset 40Ch[12] = 0 and Offset 424h[7:6] = 00.
Figure 3-10. N-Bit Dithering Pattern Schemes
FD
E
C
75
3B
1
9
46
82
A
FD
E
C
75
3B
1
9
46
82
A
FD
E
C
75
46
82
A
FD
E
C
75
46
82
A
3
B
193
B
1
9
12
1
2
56
73
4
65
47
3
12
1
2
56
73
4
65
473
12
1
2
56
65
47
3
12
1
2
56
65
473
73
47
3
4
33
3
3
11
22
11
22
33
3
3
11
22
11
22
33
3
3
11
11
22
33
3
3
11
11
22
222
2
11
1
1
11
11
11
1
1
11
11
11
1
1
11
11
1
1
11
111
1
4-Bit Scheme
3-Bit Scheme
2-Bit Scheme
1-Bit Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com