Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
www.national.com
46
Revision 2.1
Register Descriptions (Continued)
1
SDRAM_CLK
_INVERT
SDRAM Clock: Inverts the clock to the SDRAM interface. Since SSTN and TFT panels do not use
any frame buffer, this bit is used only for DSTN panels.
0= Useinverted clock.
1 = Use non-inverted clock.
0
SDRAM_EDO
SDRAM or EDO: Selects external frame buffer memory type. Since SSTN and TFT panels do not use
any frame buffer, this bit is used only for DSTN panels. 0 = EDO; 1 = SDRAM.
Offset 424h-427h
Dither RAM Control and Address Register
Reset Value = 00000000h
31:8
RSVD
Reserved: Set to 0.
7
DITHER_
RAM_ACCESS
Dither RAM Access Bit: Allows reads and writes to and from dither RAM.
0 = Disable (Do not allow reads or writes).
1 = Enable (Allow reads and writes).
To perform dither RAM reads and writes, bits 7 and 6 must be set to 1. In addition, Offset 40Ch bits 12
and 0 must be set to 1. If any of these bits are not set to 1, the RAM goes into power-down mode.
6
DITHER_
RAM_UPDT
Dither RAM Update: This bit works in conjunction with bit 7. If this bit is enabled, it allows the data to
update the RAM.
0 = Disable (do not allow dither RAM access).
1 = Enable (allow dither RAM access).
To perform dither RAM reads and writes, bits 7 and 6 must be set to 1. In addition, Offset 40Ch bits 12
and 0 must be set to 1. If any of these bits are not set to 1, the RAM goes into power-down mode.
5:0
DITHER_
RAM_ADDR
Dither RAM Address: This 6-bit field specifies the address to be used for the next access to the
dither RAM. Each access to the data register automatically increments the RAM address register. If
non-sequential access is made to the dither RAM, the address register must be reloaded before each
non-sequential data block.
Offset 428h-42Bh
Dither RAM Data Register (R/W)
Reset Value = 00000000h
31:0
DITHER_RAM_
DATA
RAM Data: This 32-bit field contains the read or write data for the RAM access.
Offset 42Ch-42Fh
Panel CRC Signature Register (R/W)
Reset Value = xxxxxxxxh
31:8
SIG_DATA
Signature Address (Read Only): 24-bit signature data for dither logic or FRM logic.
7:2
FRAME_CNT
Frame Count: Represents the frame count, which is an index for the generated signature for that
frame.
1SGFR
Signature Free Run: The value of this bit during the first cycle of a frame determines whether a sig-
nature will be generated for that frame. If this bit is kept high, with signature enabled (bit 0 = 1), the
signature generator captures data continuously across multiple frames. Changing this bit from high-to-
low causes the signature generation process to stop after the current frame.
0 = Do not capture signature during next frame.
1 = Capture signature during next frame.
0
SIG_EN
Signature Enable: Enables/disables signature capture. 0 = Disable; 1 = Enable.
Offset 430h-433h
Device and Revision ID Register (RO)
Reset Value = 92110303h
31:16
DEV_ID
Device ID (Read Only): This 16-bit field contains the data that represents the device ID.
15:0
REV_ID
Revision ID (Read Only): This 16-bit field contains the data that represents the revision ID.
Offset 434h-437h
GPIO Data Register (R/W)
Reset Value = xxxxxx00h
31:16
RSVD
Reserved (Read Only)
15
GPIO7_STS
GPIO7 Pin State (Read Only): Reports the value of pin GPIO7 when it is configured as an input.
14
GPIO6_STS
GPIO6 Pin State (Read Only): Reports the value of pin GPIO6 when it is configured as an input.
13
GPIO5_STS
GPIO5 Pin State (Read Only): Reports the value of pin GPIO5 when it is configured as an input.
12
GPIO4_STS
GPIO4 Pin State (Read Only): Reports the value of pin GPIO4 when it is configured as an input.
11
GPIO3_STS
GPIO3 Pin State (Read Only): Reports the value of pin GPIO3 when it is configured as an input.
10
GPIO2_STS
GPIO2 Pin State (Read Only): Reports the value of pin GPIO2 when it is configured as an input.
9
GPIO1_STS
GPIO1 Pin State (Read Only): Reports the value of pin GPIO1 when it is configured as an input.
8
GPIO0_STS
GPIO0 Pin State (Read Only): Reports the value of pin GPIO0 when it is configured as an input.
7
GPIO7_DATA
GPIO7 Pin Configuration: Reflects the level of GPIO7. 0 = Low, 1 = High. (Note)
6
GPIO6_DATA
GPIO6 Pin Configuration: Reflects the level of GPIO6. 0 = Low, 1 = High. (Note)
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com