Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Revision 2.1
47
www.national.com
Register Descriptions (Continued)
5
GPIO5_DATA
GPIO5 Pin Configuration: Reflects the level of GPIO5. 0 = Low, 1 = High. (Note)
4
GPIO4_DATA
GPIO4 Pin Configuration: Reflects the level of GPIO4. 0 = Low, 1 = High. (Note)
3
GPIO3_DATA
GPIO3 Pin Configuration: Reflects the level of GPIO3. 0 = Low, 1 = High. (Note)
2
GPIO2_DATA
GPIO2 Pin Configuration: Reflects the level of GPIO2. 0 = Low, 1 = High. (Note)
1
GPIO1_DATA
GPIO1 Pin Configuration: Reflects the level of GPIO1. 0 = Low, 1 = High. (Note)
0
GPIO0_DATA
GPIO0 Pin Configuration: Reflects the level of GPIO0. 0 = Low, 1 = High. (Note)
Note: Bits [7:0] contain the direct values of the GPIO pins. Write operations can be done only for GPIOs that are defined as outputs.
Reads from these bits read the last written value if the GPIO pin is configured as an output. The direction of the GPIO pins is con-
trolled through Offset 438h[7:0].
Offset 438h-43Bh
GPIO Control Register (R/W)
Reset Value = 000000h
31:24
RSVD
Reserved: Set to 0.
23
GPIO7_PUPD
GPIO7 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
22
GPIO6_PUPD
GPIO6 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
21
GPIO5_PUPD
GPIO5 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
20
GPIO4_PUPD
GPIO4 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
19
GPIO3_PUPD
GPIO3 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
18
GPIO2_PUPD
GPIO2 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
17
GPIO1_PUPD
GPIO1 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
16
GPIO0_PUPD
GPIO0 Pin Pull-up or Pull-down Mode: 0 = Pull-down mode; 1 = Pull-up mode. (Note)
15
GPIO7_MODE
GPIO7 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
14
GPIO6_MODE
GPIO6 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
13
GPIO5_MODE
GPIO5 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
12
GPIO4_MODE
GPIO4 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
11
GPIO3_MODE
GPIO3 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
10
GPIO2_MODE
GPIO2 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
9
GPIO1_MODE
GPIO1 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
8
GPIO0_MODE
GPIO0 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
7GPIO7_TYPE
GPIO7 Pin Type: 0 = Input; 1 = Output.
6GPIO6_TYPE
GPIO6 Pin Type: 0 = Input; 1 = Output.
5GPIO5_TYPE
GPIO5 Pin Type: 0 = Input; 1 = Output.
4GPIO4_TYPE
GPIO4 Pin Type: 0 = Input; 1 = Output.
3GPIO3_TYPE
GPIO3 Pin Type: 0 = Input; 1 = Output.
2GPIO2_TYPE
GPIO2 Pin Type: 0 = Input; 1 = Output.
1GPIO1_TYPE
GPIO1 Pin Type: 0 = Input; 1 = Output.
0GPIO0_TYPE
GPIO0 Pin Type: 0 = Input; 1 = Output.
Note: To enable the pull-up or pull-down mode function, the corresponding GPIO pin’s MODE bit must be set to 1, and the correspond-
ing TYPE bit must enable it as an output (i.e., be set to 1).
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com