Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Revision 2.1
51
www.national.com
Electrical Specifications (Continued)
5.5
AC CHARACTERISTICS
The following tables list the AC characteristics including
output delays, input setup requirements, input hold require-
ments and output float delays. The rising-clock-edge refer-
ence level VREF and other reference levels are shown in
Table 5-6. Input or output signals must cross these levels dur-
ing testing.
Input setup and hold times, illustrated in Figure 5-1, are
specified minimums that define the smallest acceptable
sampling window for which a synchronous input signal must
be stable for correct operation. The output delay time has a
minimum and a maximum, also illustrated in Figure 5-1.
Figure 5-1. Drive Level and Measurement Points for Switching Characteristics
Table 5-6. Drive Level and Measurement Points
for Switching Characteristics
Symbol
Voltage (V)
VREF
1.5
VIHD
3.0
VILD
0.0
CLK
OUTPUTS
INPUTS
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output Delay Specification
B = Minimum Output Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com