Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) CS9211 Datasheet HTML 56Page - National Semiconductor (TI) CS9211 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
Revision 2.1
53
www.national.com
Electrical Specifications (Continued)
5.5.2
Serial Interface Timing
Figure 5-3. Serial Interface Signals
Table 5-8. Serial Interface Timing
Symbol
Parameter
Min
Max
Unit
Comments (Note 1)
tS
SCLK period
50
ns
tSHP
SCLK high pulse width
20
tS –12
ns
tSIS
SCS, SDIN setuptorisingSCLK
25
ns
tSIH
SCS, SDIN hold from rising SCLK
20
ns
tSOV
SDO valid from rising SCLK
10
ns
tSOH
SDO hold from rising SCLK
10
ns
1.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC =0
oCto 85oC, and C
L =50 pF.
tS
SCLK
SCS, SDIN
SDO
tSHP
tSIS
tSIH
tSOV
tSOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com