Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
www.national.com
26
Revision 2.1
Functional Description (Continued)
3.2.4
Frame Rate Modulation
The Frame Rate Modulation (FRM) scheme is the heart of
the CS9211. Frame Rate Modulation cannot be turned off
but it can be modified through certain programming regis-
ters and internal memories.
Each pixel on an LCD panel consists of three primary color
components: red, green, and blue. Each primary color
component, for a given pixel, can either be turned on or
turned off; there are no intermediate intensities. A total of
eight colors can be generated for a given pixel through var-
ious combinations of turning each color component on or
off. In order to generate more colors, Frame Rate Modula-
tion (and dithering) is used. The idea behind Frame Rate
Modulation is to turn each primary color component of a
pixel on and off a certain fraction of the time to create the
perception of intensities between fully off and fully on.
For example, imagine a pixel whose blue and green color
components are always off. If the pixel’s red color compo-
nent was also always off, the pixel would be black. If the
pixel’s red color component was always on, the pixel would
be the brightest red. If the red color component was blink-
ing on and off for equal intervals, then the pixel would look
about half as bright as the brightest red. Use of intervals
other than 50%-on/50%-off will yield other intensities
between black and fully bright. Assuming the blink rate is
sufficiently fast, a viewer’s eye would integrate the intensity
of a modulated pixel to perceive intensities between fully off
(black) and fully on (bright red).
The FRM algorithm in the CS9211 uses 64-frame-long
sequences to determine when to turn the red, green, and
blue pixel color components on and off. (A frame is one
complete image on a panel.) The sequence repeats itself
every 64 frames. The CS9211 contains one 64-bit x 32-bit
FRM memory for each of the three primary pixel colors,
red, green, and blue. These three memories can be pro-
grammed simultaneously or individually. Each of the three
memories holds up to 32 different modulation sequences,
therefore 32 different intensities for each primary color
component can be generated by Frame Rate Modulation.
The memory values can be set to provide any intensity
variation to accommodate the properties of different LCD
panels, but for best results, successive values should
increase monotonically.
The number of discrete intensities is chosen with Offset
40Ch[6:4] (see Table 3-9). These bits determine how many
of the most significant bits of each pixel value for each color
component will be used by the FRM algorithm to generate
the base intensities. FRM can use 5-bit to 1-bit schemes in
order to share the 6-bit input. If a 5-bit FRM scheme is
used, there are 25 (32) base intensities (prior to dithering).
If a 1-bit scheme is used, only 21 (2) intensities are avail-
able, with the first 16 intensities having one bit sequence
and the next 16 intensities using the other bit sequence.
Table 3-9. Frame Rate Modulation Control Bit
Bit
Name
Description
Offset 40Ch-40Fh
Dither and Frame Rate Control Register (R/W)
Reset Value = 00000000h
6:4
NO_OF_FRM
INTENSITIES
Number Of FRM Intensities: The value set by bits [6:4] is the number of intensities that will exist due to
Frame Rate Modulation, prior to dithering. This field selects how many of the incoming most significant
data bits (per color) are used to generate the FRM intensities.
000 = 2 FRM intensities (selects 1 MS (most-significant) bit for use by FRM).
001 = 4 FRM intensities (selects 2 MS bits for use by FRM).
010 = 8 FRM intensities (selects 3 MS bits for use by FRM).
011 = 16 FRM intensities (selects 4 MS bits for use by FRM).
100 = 32 FRM intensities (selects 5 MS bits for use by FRM).
101, 110, 111 = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com