Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) CS9211 Datasheet HTML 56Page - National Semiconductor (TI) CS9211 Datasheet HTML 57Page - National Semiconductor (TI) CS9211 Datasheet HTML 58Page - National Semiconductor (TI) CS9211 Datasheet HTML 59Page - National Semiconductor (TI) CS9211 Datasheet HTML 60Page - National Semiconductor (TI) CS9211 Datasheet HTML 61Page - National Semiconductor (TI) CS9211 Datasheet HTML 62Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Revision 2.1
59
www.national.com
Electrical Specifications (Continued)
Figure 5-10. Active Matrix TFT Color Panel Output Timing
Table 5-14. Active Matrix TFT Color Panel Timing Characteristics
Symbol
Parameter
Min
Max
Units
Comments (Note 1)
TP1
SHFCLK period
30
ns
TP2
SHFCLK high time
5
ns
TP3
SHFCLK low time
5
ns
TP4
SHFCLK rise time
3
ns
TP5
SHFCLK fall time
3
ns
TP6
Valid data to SHFCLK falling edge
(Data setup time)
3ns
TP7
UD[11:0] and LD[11:0] hold time
(Dataholdtime)
5ns
TP8
HSYNC width
500
ns
TP9
LDE active to SHFCLK inactive
(LDE setup time)
3ns
TP10
SHFCLK inactive to LDE inactive
(LDE Hold time)
7ns
1.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC =0
oCto 85oC, and C
L =50 pF.
SHFCLK
TP6
TP1
TP3
TP9
TP10
TP8
TP4
TP5
TP2
LDE
TP7
HSYNC
UD[11:0]
,
LD[11:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com