Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
www.national.com
20
Revision 2.1
Functional Description (Continued)
Table 3-2. Panel Mode Selection Bits
Bit
Name
Description
Offset 404h-407h
Panel Timing Register 2 (R/W)
Reset Value = 00000000h
21:20
DSTN_TFT
Panel Type Select: Selects panel type. The selection of the panel type in conjunction with the
PIX_OUT (bits [18:16]) setting determines how pixel data is mapped on the output LD/UD pins. This bit
also determines the generation of SHFCLK and other panel timing interface signals.
00 = SSTN/DSTN panel
01 = TFT panel
10 = Reserved
11 = Reserved
19
COLOR_MONO
Color/Mono Select: Selects color or monochrome LCD panel. 0 = Color; 1 = Monochrome.
18:16
PIX_OUT
Pixel Output Format: These bits define the pixel output format. The selection of the pixel output format
in conjunction with the panel type selection (bits [21:20]) and the color/monochrome selection (bits
[19]) determines how the pixel data is formatted before being sent on to the LD/UD pins. These settings
also determine the SHFCLK period for the specific panel.
000 = 8-bit DSTN panel or up to 24-bit TFT panel with one pixel per clock.
Option 1: Mono 8-bit DSTN (bits [21:20] = 00 and bit 19 = 1)
(Color 8-bit DSTN is not supported)
SHFCLK = 1/4 of DOTCLK
Option 2: Color TFT with 1 pixel/clock (bits [21:20] = 01 and bit 19 = 0)
SHFCLK = DOTCLK
001 = 16-bit DSTN panel or 18/24-bit TFT XGA panel with two pixels per clock.
Option 1: Color 16-bit DSTN (bits [21:20] = 00 and bit 19 = 0)
SHFCLK = 1/(3:2:3) of DOTCLK
Option 2: Mono 16-bit DSTN (bits [21:20] = 00 and bit 19 = 1)
SHFCLK = 1/8 of DOTCLK
Option 3: Color 18/24 bit TFT (bits [21:20] = 01 and bit 19 = 0)
SHFCLK = 1/2 of DOTCLK
010 = 24-bit DSTN panel
Color 24-bit DSTN (bits [21:20] = 00 and bit 19 = 0)
(Mono 24-bit DSTN is not supported)
SHFCLK = 1/4 of DOTCLK
011 = 8-bit SSTN panel
Color 8-bit SSTN (bits [21:20] = 00 and bit 19 = 0)
SHFCLK = 1/(3:2:3) of DOTCLK
100, 101, 110, and 111 = Reserved
Table 3-3. Panel Interface Pin Function Selection Bits
Bit
Name
Description
Offset 404h-407h
Panel Timing Register 2 (R/W)
Reset Value = 00000000h
26
LP_HSYNC_SEL
LP/HSYNC Select: Selects the function of LP/HSYNC (pin 31). Set this bit based on the panel type
connected. For DSTN or SSTN panels, set this bit to 0. For TFT panels, set this bit to 1.
0 = LP (output for DSTN/SSTN panel).
1 = HSYNC (output for TFT panel).
25
LDE_SEL
LDE Select: Always set this bit to 1.
0= Reserved
1 = LDE (output for TFT panel).
24
FLM_VSYNC_
SEL
FLM/VSYNC Select: Selects function of FLM/VSYNC (pin 33). Set this bit based on the panel type con-
nected. For DSTN or SSTN panels, set this bit to 0. For TFT panels, set this bit to 1.
0 = FLM (output for DSTN/SSTN panel).
1 = VSYNC (output for TFT panel).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com