Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 35Page - National Semiconductor (TI) CS9211 Datasheet HTML 36Page - National Semiconductor (TI) CS9211 Datasheet HTML 37Page - National Semiconductor (TI) CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Revision 2.1
39
www.national.com
Functional Description (Continued)
9
GPIO1_MODE
GPIO1 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
8
GPIO0_MODE
GPIO0 Pin Mode: 0 = Normal mode; 1 = Weak pull-up or weak pull-down mode.
7
GPIO7_TYPE
GPIO7 Pin Type: 0 = Input; 1 = Output.
6
GPIO6_TYPE
GPIO6 Pin Type: 0 = Input; 1 = Output.
5
GPIO5_TYPE
GPIO5 Pin Type: 0 = Input; 1 = Output.
4
GPIO4_TYPE
GPIO4 Pin Type: 0 = Input; 1 = Output.
3
GPIO3_TYPE
GPIO3 Pin Type: 0 = Input; 1 = Output.
2
GPIO2_TYPE
GPIO2 Pin Type: 0 = Input; 1 = Output.
1
GPIO1_TYPE
GPIO1 Pin Type: 0 = Input; 1 = Output.
0
GPIO0_TYPE
GPIO0 Pin Type: 0 = Input; 1 = Output.
Note: To enable the pull-up or pull-down mode function, the corresponding GPIO pin’s MODE bit must be set to 1, and the correspond-
ing TYPE bit must enable it as an output (i.e., be set to 1).
Table 3-19. GPIO Pin Programming Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com