Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
www.national.com
14
Revision 2.1
3.0
Functional Description
This chapter discusses the detailed operations of the
CS9211 in two categories: system-level and the opera-
tions/programming of the major functional blocks.
3.1
SYSTEM INTERCONNECTIONS
The system-level discussion topics revolve around events
that affect the device as a whole unit and how the CS9211
connects/interfaces
with
other
system
devices
(i.e.,
CS5530A, panel, memory, and crystal oscillator).
3.1.1
CS550A Connections
The CS9211 graphics companion connects to the TFT
graphics data port of the CS550A I/O companion chip, as
shown in Figure 3-1. In order for this interface to function,
the CS550A must be in the “Limited ISA Mode”, not the
“ISA Master Mode”, as discussed in the CS550A data
book.
Register programming and internal memory loading com-
mands are delivered to the CS9211 by means of a GPIO
interface. The GPIOs can come from any device capable of
controlling those signals, as described in Section 3.2.1
"Serial Interface" on page 17. For example, National’s
SuperI/O (PC97317) also produces compatible GPIO sig-
nals.
The CS9211 reformats the incoming pixel data stream and
produces an output data stream that is directly compatible
with the attached LCD panel.
Timing and power sequence control signals are delivered
to the CS9211 from the CS550A. Various “pass-through” or
“internal/external” selection modes of the CS9211 allow
those external signals to be used or modified internally,
before being passed on to the panel, or ignored completely,
in which case they would be generated internally.
The CS9211 receives a pixel data stream from the
CS550A. The chief function of the CS9211 is to reformat
this received input stream into an output stream suitable for
display on the LCD panels it supports.
Figure 3-1. CS550A and CS9211 Signal Connections
GPIO4
GPIO5
GPIO6
GPIO7
FP_ENA_VDD
FP_DISP_ENA_OUT
FP_CLK
FP_HSYNC_OUT
FP_VSYNC_OUT
FP_DATA[5:0]
FP_DATA[11:6]
FP_DATA[17:12]
SCLK
SDIN
SCS
SDO
ENA_LCDIN
ENA_VDDIN
ENA_DISP
DOTCLK
FP_HSYNC
FP_VSYNC
BLUE[5:0]
GREEN[5:0]
RED[5:0]
Geode™
Geode™
CS5530A
I/O Companion
CS9211
Graphics
Companion
Serial
Interface
FP_ENA_BKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com