Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Revision 2.1
17
www.national.com
Functional Description (Continued)
3.2.1
Serial Interface
Two commands are defined for the serial interface, a read
command and a write command. The read and write proto-
cols are summarized in Table 3-1. Figure 3-5 on page 18
shows the write cycle timing, and Figure 3-6 on page 18
shows the read cycle timing. In order for the CS9211 to
properly receive commands through the serial interface,
the DOTCLK input signal must be active.
The protocol begins with the assertion of the SCS input,
followed by activity on the SCLK (serial command clock)
and SDIN (serial data input) lines. The serial data must be
in the following order: one start bit (value = X), one control
bit (value = 1), 12 address bits, a read/write command bit
(1 =Write, 0 =Read), and32data bits. In thecaseofa
read, seven (7) idle clock pulses must occur between the
read command and the beginning of the 32 bits of data
transmission on the SDO line. After the last bit of the serial
data transfer, SCS should be deasserted.
The CS9211 samples the serial interface input signals on
the rising edge of SCLK. Therefore, data driven onto the
SDIN input should change on the falling edge of SCLK.
Data driven by the CS9211 onto the SDO output changes
on the rising edge of SCLK. Therefore data being read
should be sampled on the falling edge of SCLK.
3.2.1.1
Write Transfer Sequence (52 clocks)
1)
Assert SCS input.
2)
One SCLK period “don’t care” transfer (i.e., clock tog-
gle).
3)
Write a 1 to SDIN.
4)
Next, the address is transmitted with the LSB
(Address[0]) first... MSB (Address[11]) last.
5)
The Write bit = 1.
6)
The data is transmitted LSB (Data[0]) first... MSB
(Data[31]) last, on the positive edges of the next 32
SCLKS.
7)
Deassert SCS (one clock period) and toggle SCLK for
four clock periods.
3.2.1.2
Read Transfer Sequence (56 clocks)
1)
Assert SCS input.
2)
One SCLK period “don’t care” transfer (i.e., clock tog-
gle).
3)
Write a 1 to SDIN.
4)
Next the address is transmitted with the LSB
(Address[0]) first ... MSB (Address[11]) last.
5)
TheReadbit =0.
6)
Seven SCLK periods of “don’t care” transfer (i.e., clock
toggles).
7)
The dataistransmittedonSDO with theLSB (Data[0])
first ... MSB (Data[31]) last, on the positive edges of
the next 32 SCLK .
8)
Deassert SCS (one clock period) and toggle SCLK for
one clock period.
Table 3-1. Serial Interface Write/Read Sequences
Cycle(s)
Write Sequence with SCS = “1”
Cycle(s)
Read Sequence with SCS = “1”
1
1 Start bit
SDIN = Don’t care
1
1 Start bit
SDIN = Don’t care
1
1 Control bit
SDIN = 1
1
1 Control bit
SDIN = 1
12
12 Address bits
SDIN = 4xx
12
12 Address bits
SDIN = 4xx
1
1 Write bit
SDIN = 1
1
1 Read bit
SDIN = 0
32
32 data bits
ex: SDIN = A8A8_A8A8h
7
7 Idle SCLKs
ex: SDIN = Don’t care
32
32 Read data bits
ex: SDO = A8A8_A8A8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com