Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) CS9211 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
www.national.com
28
Revision 2.1
Functional Description (Continued)
3.2.4.1
Removal of Flickering
One side effect of frame rate modulation is flickering. If a
large group of pixels on an LCD panel were the exact same
intensity, and all of the pixels in this large group were blink-
ing on and off together in synchronization, the flickering
effect would be detectable by the human eye. The CS9211
removes detectable flickering by de-synchronizing adjacent
pixels so that they do not blink on and off at the same time.
The de-synchronization is implemented by using two linear
feedback shift registers (LFSR) to randomize the switching
sequences of each individual pixel on the display. A 15-bit
LFSR, which is advanced every pixel clock, is used to gen-
erate global randomization. A 9-bit LFSR, which is
advanced every HSYNC, is used to generate local random-
ization. Both LFSRs are reset every frame. The addition of
the lower 6 bits of these two LFSRs gives each pixel a
pseudo-randomized index into the chosen 64-bit word of
the corresponding FRM RAM Table. Using this index and
frame count, every pixel on the display starts the switching
sequence from 1 of the 64 possible positions pseudo-ran-
domly and completes one sequence in 64 frames.
In order to randomize the switching sequence further, each
primary color FRM RAM Table has an independent 15-bit
LFSR, with its own seed value. These seed values are fully
programmable. The only side effect of this implementation
is motion artifactsonthe display, whichiscommoninFRM
implementations. As long as the refresh rate of the LCD
panel is high, this effect should not be noticeable.
3.2.5
FRM Memory
The three 32 x 64 FRM memories are programmed through
the serial interface. There is one separate FRM look-up
table for each primary color (R, G, and B). Table 3-11
shows the registers used to program the FRM RAM tables.
The FRM RAM tables can be programmed either individu-
ally or all together using the register Offset 418h[9:8]. Reg-
ister Offset 418h[5:0] is used to select the initial FRM RAM
index, which automatically increment with each read or
write operation. Register Offset 41Ch[31:0] is used to
access the actual FRM RAM data. Two 32-bit register
accesses are required to fill one 64-bit FRM RAM location.
Table 3-11. FRM Memory Access Control Bits
Bit
Name
Description
Offset 418h-41Bh
FRM Memory Index Register (R/W)
Reset Value = 00000000h
9:8
RGB_SEL
RGB Memory (FRM RAM) Select: Allows reading or writing to individual R,G, and B memory FRM
RAM locations or writing to all of them at the same time.
00 = Read from R FRM RAM but write to RGB FRM RAM.
01 = read or write to R FRM RAM.
10 = Read or write to G FRM RAM.
11 = Read or write to B FRM RAM.
Note: All FRM RAMs can be accessed through the serial interface before the panel is powered up.
5:0
FRM_INDEX
FRM Memory Index: This auto-incrementing value represents the index to the FRM RAM. Each RAM
is configured as 32x64, requiring two index values to update each row of FRM RAM.
For example, the 00h index value will update the 32 LSB’s of row “0” FRM RAM and the 01h index value
will update the 32 MSB’s of row “0” FRM RAM.
To update the entire RAM location, the index is programmed only once with the starting value, “00”.
This is used inside the CS9211 to auto increment the FRM RAM locations for every FRM RAM data
access using the Offset 41Ch.
Offset 41Ch-41Fh
FRM Memory Data Register
Reset Value = 00000000h
31:0
FRM_DATA
FRM Memory Data Register: This 32-bit data represents FRM RAM data to be read or written to the
FRM RAM table in accordance to the RGB_SEL (Offset 418h[9:8]) and the index value (Offset
418h[5:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com