Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
www.national.com
48
Revision 2.1
5.0
Electrical Specifications
This section provides information on absolute maximum
ratings, recommended operating conditions, DC character-
istics, and AC characteristics. All voltage values in the
Electrical Specifications are with respect to VSS unless oth-
erwise noted.
5.1
TEST MODES
The CS9211 can be forced into different test modes. Table
5-1 summarizes the test mode selection process.
5.1.1
NAND Tree Mode
TheNAND treemodeisusedtotestinput andbi-direc-
tional pins which will be part of the NAND tree chain. The
NAND tree chain starts on pin 3 (UD11) and ends on pin
143 (MA2) where the output of the chain is captured. The
following pins are not included in the NAND chain:
— All supply pins
— MBIST_EN (pin 45)
— SCAN_EN (pin 46)
— TEST_SE (pin 47)
— XTALIN (pin 48)
— XTALOUT (pin 49)
Table 5-1. Test Mode Selection
Mode
SCAN_EN
(Pin 46)
TEST_SE
(Pin 47)
NAND tree test
01
Table 5-2. NAND Tree Test Mode Pins
Signal Name
Pin No.
UD10
4
UD9
5
UD8
6
UD7
7
UD6
8
UD5
9
UD4
10
UD3
11
UD2
12
UD1
13
UD0
14
LD11
15
LD10
16
LD9
20
LD8
21
LD7
22
LD6
23
LD5
24
LD4
25
LD3
26
LD2
27
LD1
28
LD0
29
SHFCLK
30
LP/HSYNC
31
LDE/MOD
32
FLM/VSYNC
33
FP_VDDEN
34
FP_VCONEN
35
DISPOFF#
39
SCLK
40
SDIN
41
SDO
42
SCS
43
RESET#
44
GPIO7
63
GPIO6
64
GPIO5
65
GPIO4
66
GPIO3
67
GPIO2
68
GPIO1
69
GPIO0
70
DOTCLK
75
RED0
76
ENA_VDDIN
77
RED2
78
RED1
79
BLUE0
80
BLUE3
81
BLUE1
82
BLUE2
83
Signal Name
Pin No.
BLUE4
84
RED3
85
RED4
86
GREEN2
87
BLUE5
88
GREEN1
92
GREEN0
93
GREEN3
94
ENA_DISP
95
RED5
96
FP_HSYNC
97
GREEN4
98
FP_VSYNC
99
GREEN5
100
ENA_LCDIN
101
MD15
102
MD0
103
MD14
104
MD1
105
MD13
106
MD2
107
MD12
110
MD3
111
MD11
112
MD4
113
MD10
114
Signal Name
Pin No.
MD5
115
MD9
116
MD6
117
MD8
118
MD7
119
DQML
120
DQMH
121
WE#
122
MCLK
123
CASH#
124
CAS#/CASL#
127
CKE
129
RAS#
130
CS#
131
MA9
132
OE#/BA
133
MA8
134
MA10
135
MA0
136
MA7
137
MA1
138
MA6
139
MA5
140
MA4
141
MA3
142
MA2
143
Signal Name
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com