Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) CS9211 Datasheet HTML 56Page - National Semiconductor (TI) CS9211 Datasheet HTML 57Page - National Semiconductor (TI) CS9211 Datasheet HTML 58Page - National Semiconductor (TI) CS9211 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Revision 2.1
55
www.national.com
Electrical Specifications (Continued)
5.5.4
Memory Interface Timing
Figure 5-5. EDO DRAM Interface Signals
Table 5-10. EDO DRAM Interface Timing
Symbol
Parameter
Min (Note 1)
Max ((Note 1))
Unit
Comments (Note 2)
tOWS
OE# and WE# setup to falling RAS#
3*tD–5
ns
tOWH
OE# and WE# hold from rising RAS#
3*tD–2
ns
tRP
RAS# precharge time
3*tD–2
ns
tRCD
Falling RAS# to falling CASH#, CASL#
tD–1
ns
tCAS
CASH# and CASL# low pulse width
tD/2–6
ns
tCP
CASH# and CASL# precharge time
tD/2–6
ns
tASR
MA[10:0] setup to falling RAS#
3*tD–2
ns
tRAH
MA[10:0] hold from falling RAS#
tD–1.5
ns
tASC
MA[10:0] setup to falling CASH#, CASL#
tD/2–6
ns
tCAH
MA[10:0] hold from falling CASH#, CASL#
tD/2–6
ns
tDS
MD[15:0] write data setup to falling CASH#, CASL#
tD/2–10
ns
tDH
MD[15:0] write data hold from falling CASH#, CASL#
tD/2–2
ns
tDV
MD[15:0] read data valid from falling CASH#, CASL#
2*tD–10
ns
1.
2X Refresh Mode (min tD = 25 ns). tD = DOT clock (DOTCLK) period.
2.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC = 0°C to 85°C, and CL = 50 pF.
tASC
tCAH
RAS#
CASH#, CASL#
MA[10:0]
MD[15:0]
OE#
WE#
tRP
tOWS
tOWH
tRCD
tCAS
tCP
tASR
tRAH
tDS
tDH
MD[15:0]
tDV
(write)
(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com