Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) CS9211 Datasheet HTML 32Page - National Semiconductor (TI) CS9211 Datasheet HTML 33Page - National Semiconductor (TI) CS9211 Datasheet HTML 34Page - National Semiconductor (TI) CS9211 Datasheet HTML 35Page - National Semiconductor (TI) CS9211 Datasheet HTML 36Page - National Semiconductor (TI) CS9211 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Revision 2.1
33
www.national.com
Functional Description (Continued)
3.2.8
CRC Signature
The CS9211 contains hardware logic that performs Cycli-
cal Redundancy Checks (CRCs) on the panel data digital
pipeline, using the polynomial 1 + x3 +x4 +x24.This feature
is used for error detection during silicon and design valida-
tion and makes it possible to capture a unique 24-bit signa-
ture for any given mode setup. An error in the dither/FRM
pixel pipeline will produce a different signature when com-
pared to a known good signature value. Various logic
blocks can be configured, as shown in Table 3-14. This
allows the programmer to quickly and accurately test data
processing without having to look for incorrect pixels on the
screen. In the FRM block test, each frame will produce a
different signature in a sequence, which repeats after 64
frames. The signature and the corresponding frame count
can be read from the register Offset 42Ch. Table 3-15
shows the bit formats for the register that controls this fea-
ture, and Figure 3-12 shows a simple block diagram.
Figure 3-12. CRC Data Path
CRC
24
CRC
Signature
24
PANEL_DATA[23:0]
(LD/UD)
Offset 2Ch[31:8]
Address
SHFCLK
Frame Count
5
Offset 2Ch[7:2]
VSYNC/FLM
FRAME_CNTR
Table 3-14. Logic Functions Affecting the CRC
Dither Enable for
TFT/DSTN/SSTN
Bypass Dither for
TFT/DSTN/SSTN
FRM Enable for
DSTN/SSTN
FRM Bypass for
DSTN/SSTN
Bypass CS9211
Offset 40Ch[6:0]
000,001,1
001,010,1
010,011,1
011,100,1
100,101,1
101,XXX,X
Offset 40Ch[6:0]
101,XXX,X
Changes with the Frame
Count (0 to 31)
Note: Generates the sig-
nature (Offset
42Ch[31:8]) for a given
frame count (Offset
42Ch[7:2])
LFSR = 00
FRM_RAM Contents =
all 0’s
Offset 404h[30] = 1
Table 3-15. Panel CRC Signature Register
Bit
Name
Description
Offset 42Ch-42Fh
Panel CRC Signature Register (R/W)
Reset Value = xxxxxxxxh
31:8
SIG_DATA
Signature Address (Read Only): 24-bit signature data for dither logic or FRM logic.
7:2
FRAME_CNT
Frame Count: Represents the frame count, which is an index for the generated signature for that
frame.
1SGFR
Signature Free Run: The value of this bit during the first cycle of a frame determines whether a signa-
ture will be generated for that frame. If this bit is kept high, with signature enabled (bit 0 = 1), the signa-
ture generator captures data continuously across multiple frames. Changing this bit from high-to-low
causes the signature generation process to stop after the current frame.
0 = Do not capture signature during next frame.
1 = Capture signature during next frame.
0SIG_EN
Signature Enable: Enables/disables signature capture. 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com