Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Revision 2.1
27
www.national.com
Functional Description (Continued)
Table3-10is anexample of oneof the three32 x 64 FRM-
Sequence tables that is addressed by the most significant
bit of the incoming pixel value. The ”n” most-significant bits
(as chosen by Offset 40Ch[6:4]) of each color component
of each incoming pixel looks up one of the 64-bit words
from this table. The number of 1’s in each 64-bit word
determines how bright the pixel will be when that word is
chosen. A word with all zeros will never illuminate the given
pixel in that color, therefore the pixel will be black. A word
with only one “1” will illuminate the given pixel one frame
out of 64, so the pixel will be as dim as possible without
being off entirely. A word with 10 “1”s will illuminate the
given pixel 10 frames out of 64. A word with 64 “1”s will illu-
minate the given pixel in each of the 64 frames, so that
pixel will be as bright as possible.
The Freq (frequency ratio) indicates the number of 0 to 1
transitions within 64 frames. This value multiplied by the
refresh rate will give the frequency of frame rate modula-
tion of a particular intensity. Higher frequency frame rate
modulation will result in better picture quality. The Int
(intensity) column indicates the duty cycle of the primary
color.
The intensity level of this FRM table starts from 0/64 and
gradually increases to 16/64 instead of jumping directly to
16/64. It seems that the human eye is less sensitive to fre-
quency variation at low intensity. As the intensity level
increases, it increases slowly from 16/64 to 48/64 to create
a smooth transition of intensities. The full scale intensity
level is truncated at 48/64 intentionally; above this point the
differences between levels start to become visible. There is
a trade-off between maximum intensity level and smooth
gradations of color.
The generation of FRM tables suitable for driving a particu-
lar display panel in a particular application requires a good
understanding of human vision and significant experimen-
tation. Good candidate patterns for these tables will have
1’s separated by equal numbers of 0’s throughout the word,
instead of clumping all the 1’s together in a particular loca-
tion. Successive values should increase monotonically. All
three tables may be identically or individually programmed.
Table 3-10. Example FRM RAM Table for One Color Component
Col
Frame Count from 0 to 63
Freq
Int
0
00000000,00000000,00000000,00000000,00000000,00000000,00000000,00000000
0/64
0/64
1
00000000,00000000,00000000,00000000,00000000,00000000,00000000,00000000
0/64
0/64
2
00000001,00000001,00000001,00000001,00000001,00000001,00000001,00000001
8/64
8/64
3
00000010,00001000,00010000,01000001,00000010,00001000,00010000,01000001
10/64
10/64
4
00010001,00010001,00010001,00010001,00010001,00010001,00010001,00010001
16/64
16/64
5
00010010,01001001,00100100,10010010,01001001,00100100,10010010,01001001
21/64
21/64
6
00100100,10010100,10010010,01010010,01001010,01001001,00101001,00100101
23/64
23/64
7
00100101,00100101,00100101,00100101,00100101,00100101,00100101,00100101
24/64
24/64
8
00100101,00101001,01001001,01001010,01010010,10010010,10010100,10100101
25/64
25/64
9
00101001,01001010,01010010,10010101,00101001,01001010,01010010,10010101
26/64
26/64
10
00101001,01010010,10100101,00101010,01010100,10100101,01001010,10010101
27/64
27/64
11
00101010,01010101,00101010,01010101,00101010,01010101,00101010,01010101
28/64
28/64
12
00101010,10010101,01010010,10101010,01010101,01001010,10101001,01010101
29/64
29/64
13
00101010,10101010,01010101,01010101,00101010,10101010,01010101,01010101
30/64
30/64
14
00101010,10101010,10101010,10101010,01010101,01010101,01010101,01010101
31/64
31/64
15
01010101,01010101,01010101,01010101,01010101,01010101,01010101,01010101
32/64
32/64
16
01010101,01010101,01010101,01010101,10101010,10101010,10101010,10101011
31/64
33/64
17
01010101,01010101,10101010,10101011,01010101,01010101,10101010,10101011
30/64
34/64
18
01010101,01101010,10101101,01010101,10101010,10110101,01010110,10101011
29/64
35/64
19
01010101,10101011,01010101,10101011,01010101,10101011,01010101,10101011
28/64
36/64
20
01010110,10101101,01011010,11010101,10101011,01011010,10110101,01101011
27/64
37/64
21
01010110,10110101,10101101,01101011,01010110,10110101,10101101,01101011
26/64
38/64
22
01011010,11010110,10110110,10110101,10101101,01101101,01101011,01011011
25/64
39/64
23
01011011,01011011,01011011,01011011,01011011,01011011,01011011,01011011
24/64
40/64
24
01011011,01101011,01101101,10101101,10110101,10110110,11010110,11011011
23/64
41/64
25
01011011,01101101,10110110,11011011,01011011,01101101,10110110,11011011
22/64
42/64
26
01101101,10110110,11011011,01101101,10110110,11011011,01101101,10110111
21/64
43/64
27
01101101,10110111,01101101,10110111,01101101,10110111,01101101,10110111
20/64
44/64
28
01101101,11011011,01110110,11011101,10111011,01101110,11011011,10110111
19/64
45/64
29
01101110,11011101,10111011,01110111,01101110,11011101,10111011,01110111
18/64
46/64
30
01101110,11101110,11011101,11011101,10111011,10111011,01110111,01110111
17/64
47/64
31
01110111,01110111,01110111,01110111,01110111,01110111,01110111,01110111
16/64
48/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com