Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) CS9211 Datasheet HTML 32Page - National Semiconductor (TI) CS9211 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Revision 2.1
29
www.national.com
Functional Description (Continued)
3.2.6
Dithering
Dithering creates intermediate color intensities by mixing
available colors. Human vision sees an average of the
intensities of adjacent pixels on a screen. Although dither-
ing provides additional shades, it does so by sacrificing
spatial resolution.
3.2.6.1
Theory Of Dithering
The number of colors that a given panel displays can be
enhanced beyond the intensity combinations generated by
frame rate modulation by way of a technique called dither-
ing. The drawback is that fine spatial details are lost in this
process, and boundaries between regions of differing color
intensities become blurred.
For example, consider just the red color component of a
2x2 square of pixels. If the only two options for the red color
component were to be turned on or off, there would be only
two colors, black and the brightest red. However, if two of
the pixels’ red color components in the 2x2 square were
turned on and two were turned off, the human eye would
blend these adjacent pixels and the 2x2 pixel square would
appear to be half as bright as the brightest red.
This process is illustrated in Figure 3-9. Suppose each
pixelina2x2 square had6bits of dataassociated with it.
The frame rate modulator is using the upper four most sig-
nificant bits, so the lower two bits would be lost or truncated
without the support of the dithering process. Consider the
arbitrary 6-bit pixel value 38h = 11_1000; the upper four
bits of 38h are 1110, which in hex is “E”. Without dithering,
pixel values 39h (11_1001), 3Ah (11_1010), and 3Bh
(11_1011) would all be displayed the same as pixel value
38h (11_1000), since the upper four bits are the same for
each value (“E”). Since pixel value 3Ch (11_1100) has a
different set of upper four bits (1111 instead of 1110), 3Ch
would appear brighter than 38h. So, without dithering, it
would seem that the panel could accurately display only
pixel values 38h and 3Ch. When the two LSBs are
removed, these become values Eh and Fh, respectively.
Dithering provides a means of displaying the “missing” val-
ues 39h, 3Ah, and 3Bh, by displaying combinations of the
values the panel is able to display in a 2x2 square. The
average intensity of the pixels in the 2x2 square becomes
the intensity of the ‘missing’ values, as illustrated in Figure
3-9. In order to leave room at the top of the intensity scale,
value 3Bh is passed through unchanged, and values 38h,
39h, and 3Ah are modified by the dither algorithm.
One of four dither patterns are chosen by the two LSBs,
bolded below the “Case n” text in Figure 3-9. A zero in the
dither pattern (middle column of Figure 3-9) indicates the
input value will be passed through unchanged. A one in the
dither pattern indicates the displayed value should be dec-
remented to the next available intensity value.
In Case 1) of Figure 3-9, all four pixels want to be value
38h, which is no problem for the panel since 38h (or Eh) is
one of the values it can display directly. However, the dither
pattern contains three ones, so three of the pixels in this
square are dithered down to the next available brightness,
“Dh”. In Case 2), all four pixels want to be intensity 39. Two
pixels are dithered down to intensity “Dh”, and two are
passed through unchanged as Eh. In Case 3) , selected by
dither bits 10, only one pixel is dithered down to brightness
Dh, and the other three pass through unchanged. In Case
4), the dither pattern contains all zeros, so the value Eh is
passed through unchanged for all four pixels in the 2x2
square. Moving from Case 1 to Case 4, one less pixel is
dithered down in each case In Case 5), the sequence
begins again with the next-brightest intensity, Eh, being the
one that is dithered-down to.
3.2.6.2
Pre-Programmed Dither Patterns (ROM)
Theexample discussedwithreference toFigure3-9 is 2-bit
dithering. In 2-bit dithering, four patterns are used, as
shown in Cases 1-4.
Figure 3-9. Effect of Two-Bit Dithering
Cases1-4 canberedrawn as asinglepicture.Refer to the
dark outlined 2x2 box contained within the 8x8 pixel pattern
on the “2-bit scheme” in Figure 3-10. The numbers in the
pixels indicate the value of the lower two bits: 00 = blank,
01 = “1”, 10 = “2”, and 11 = “3”. When the value is “00”, only
the pixel shown as blank will retain the input color intensity.
The other three pixels will be decremented to the next
available intensity value. As the lower two bits of any inten-
sity value increase from 00 to 01, the pixel labeled “1” will
retain the input value and the other two will be decre-
mented to the next available intensity. When the lower two
bits are 10 (“2”), then the pixel labeled “2” will also retain
the input value, and the remaining one pixel will be decre-
mented to the next available intensity. When the lower two
bits are 11 (“3”), then all four pixels retain the input value.
39h 39h
39h
3Ah 3Ah
3Ah
3Bh 3Bh
3Bh
3Ch 3Ch
3Ch
38h 38h
38h
Input
display
Case 1)
Case 2)
Case 3)
Case 4)
Case 5)
38h
39h
3Ah
3Bh
3Ch
Fh
Eh
Eh
01
1
1
Eh
dither
pattern
Eh
Dh
Eh
Dh
Eh
Eh
Eh
Eh
Eh
Eh
Dh
Dh
Dh
Dh
Eh
Eh
Actual
display
+
01
0
1
+
10
0
0
+
00
0
0
+
01
1
1
+
“00”
“01”
“10”
“11”
“00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com