Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 32Page - National Semiconductor (TI) CS9211 Datasheet HTML 33Page - National Semiconductor (TI) CS9211 Datasheet HTML 34Page - National Semiconductor (TI) CS9211 Datasheet HTML 35Page - National Semiconductor (TI) CS9211 Datasheet HTML 36Page - National Semiconductor (TI) CS9211 Datasheet HTML 37Page - National Semiconductor (TI) CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
www.national.com
36
Revision 2.1
Functional Description (Continued)
3.2.12 Power Sequence Control
The CS9211 contains a power-sequence controller that
manages the application of the power and control voltages
to the panel in a specified order compatible with most panel
types. Table 3-18 shows the register control bits for power
sequencing and Figure 3-13 on page 37 identifies the
power sequence and the various delays.
Four panel power control functions are managed by the
CS9211’s power sequence controller. With reference to
Figure 3-13, these are:
1)
FP_VDDEN, Flat Panel VDD Enable: This signal is
designed to enable the basic panel power VDD. It is
intended that this signal be connected to a power FET
or similar switching device (either internal to the panel
or not) that supplies VDD to the panel, when enabled
by this signal. It should not be used as the source of
VDD to the panel.
2)
Data and Control Signal: Activity on the data and con-
trol lines to the panel is managed as part of the power
control sequence.
3)
FP_VCONEN, Flat Panel Voltage Contrast Enable:
This signal is designed to enable the contrast voltage
to the panel. It is intended that this signal be con-
nected to a power FET or similar switching device
(either internal to the panel or not) that supplies the
contrast voltage to the panel, when enabled by this
signal. It should not be used as the source of contrast
voltage to the panel.
4)
DISPOFF#, Disable Backlight Off: This signal is
intended to control the backlight of the panel. It is an
active-low signal; when asserted (low), it turns the
backlight off.
3.2.12.1 External Power Sequencing
Offset 408h[27] selects whether power sequencing will be
controlled externally or internally. If external sequencing is
selected, then Offset 408h[24:18] do not have any effect.
When external power sequencing is selected, output
FP_VDDEN
directly
follows
input
ENA_VDDIN,
and
FP_VCONEN follows input ENA_LCDIN. The DISPOFF#
signal may be directly controlled by writing to Offset
408h[25].
3.2.12.2 Internal Power Sequencing
Offset 408h[27] selects whether power sequencing will be
controlled externally or internally. If internal sequencing is
selected, then the four functions listed above are controlled
automatically by the CS9211.
When operating using internal power sequencing, a power-
up or down sequence is initiated by writing to the Panel
Power Control bit at Offset 408h[24]. When the Panel
Power Control bit is low and written high, a panel power-up
sequence will occur, following the order given in Figure 3-
13 and the timings as selected by Offset 408h[23:21]. If the
Panel Power Control bit is high and written low, a panel
power-down sequence will occur, following the order given
in Figure 3-13 and with the timings as selected by Offset
408h[20:18].
The Panel Power Control bit may be read at any time in
order to determine the assumed state of the panel. If the bit
is high, it is assumed that a low-to-high transition has previ-
ously occurred and the panel is on. If the bit is low, it is
assumed that either the bit has never been set high or a
high-to-low transition of the bit has previously occurred; in
either case the panel is off.
The length of each of the phase delays during the power-
up and down sequences may be set to one of two values
(32 msor 128 ms) byPhase ControlbitsatOffset
408h[23:18]. The delay controlled by each of these bits is
diagrammed in Figure 3-13.
Table 3-18. Power Sequence Control Bits
Bit
Name
Description
Offset 408h-40Bh
Power Management Register (R/W)
Reset Value = 00000000h
27
PWR_SEQ_SEL
Power Sequence Select: Selects whether to use internal or external power sequence. The power
sequence controls the order in which FP_VDDEN, FP_VCONEN, the data and control signals, and
DISPOFF# become active during power-up, and inactive during power-down.
0 = Use internal power sequencing (phase timing is controlled by bits [24:18].
1 = Use external power sequencing (phase timing is controlled by signals generated from CS550A).
25
DISPOFF_CNTL
Display Off Control Source: Selects how DISPOFF# is controlled. Independent control may be
used to disable the backlight to save power, even if the panel is otherwise on.
0 = DISPOFF# is controlled by with the power-up/down sequence, internal or external mode.
1 = DISPOFF# immediately turns the backlight off.
24
PWR_CNTL
Panel Power Control: Initiates the internal power-up or power-down sequence. When the bit is set
from high-to-low, the internal power-down sequence is initiated with the timings as selected by Offset
408h[20:18]. When the bit is set from low-to-high, the internal power-up sequence is initiated with the
timings as selected by Offset 408h[23:21]. This bit may be read to determine the power status (i.e.,
on or off) of the panel. This bit functions as described only if the internal power sequence has been
selected by bit [27]. 0 = Powered down; 1 = Powered up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com