Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Revision 2.1
19
www.national.com
Functional Description (Continued)
3.2.2
Mode Selection
The CS9211 can be configured for various modes depend-
ing on the type of LCD panel being connected. The panel
type and mode selection is through Offset 404h[21:16] as
shown in Table 3-2 on page 20 and described below.
• DSTN or TFT and Color or Monochrome:
— DSTN or TFT: Allows a common connector to be
used for TFT LCD panels and DSTN LCD panels.
The system software can configure the CS9211 to
operate in a pass-through mode that presents the
digital pixel (RGB) input data on the UD/LD output
pins to drive a TFT panel on the common connector.
The input data is latched internally before being
presented at the output pins to better control the
timing of the panel interface signals.
— Color or Monochrome: Monochrome must be
selected for 8-bit DSTN Mode.
• 8-Bit DSTN Mode (Monochrome Only):
— Supports DSTN panels with 640x480 pixel
resolution.
— Register programming: Offset 404h[21:16] =
00_1_000.
• 8-Bit single scan Color STN Mode:
— Supports single scan STN panels with 640x480 color
pixel resolution.
— Register programming: Offset 404h[21:16] =
00_0_011.
• 16-Bit Color DSTN Mode:
— Supports DSTN panels with 640x480 or 800x600
color pixel resolutions.
— Register programming: Offset 404h[21:16] =
00_0_001.
• 24-Bit Color DSTN Mode:
— Supports DSTN panels with 1024x768 color pixel
resolution.
— Register programming: Offset 404h[21:16] =
00_0_010.
• TFT One Pixel per Clock Mode:
— Supports all TFT panels with up to 18-bit interface.
— Register programming: Offset 404h[21:16] =
01_0_000.
• TFT Two Pixel per Clock Mode:
— Supports 18-bit/24-bit 2pixel/CLK TFT panels.
— Register programming: Offset 404h[21:16] =
01_0_001.
3.2.2.1
TFT Mode
To enable TFT mode, set Offset 404h[21:20] = 01 (see
Table 3-2 on page 20). When TFT mode has been
selected, the output from the dither block is fed directly
onto the panel data pins UD[11:0] and LD[11:0], in accor-
dance with Table 3-4 on page 21, and in sync with the TFT
timing signals HSYNC, VSYNC, and LDE. These three tim-
ing signals are enabled when Offset 404h[26:24] = 111
(see Table 3-3 on page 20). The TFT panel type must be
selected according to Table 3-2. The shift clock output
(SHFCLK) varies for each panel type (refer to Table 3-7 on
page 24). The pixel data format on the LD/UD pins varies
based on the type of TFT panel selected as indicated in
Table 3-4. Certain timing selections must be made accord-
ing to Table 3-8 "Panel Output Timing Selection Bits" on
page 24 (see the discussion in Section 3.2.3 "Timing Sig-
nals" on page 22).
3.2.2.2
STN Mode
This mode is for either SSTN or DSTN panels. To enable
STN mode, set Offset 404h[21:20] = 00 (see Table 3-2).
When STN mode has been selected, the output from the
dither block is sent through the FRM and the memory con-
troller (memory controller: DSTN only), and continues to
the panel data pins. The CS9211 will shift out the data on
the positive edge of the shift clock (SHFCLK). The shift
clock output (SHFCLK) varies for each panel type as
showninTable 3-7onpage 24. Thepixel data format on
the LD/UD pins varies based on the type of STN panel
selected, as indicated in Table 3-4. Certain timing selec-
tions must be made according to Table 3-8 "Panel Output
Timing Selection Bits" on page 24 (see the discussion in
Section 3.2.3 "Timing Signals" on page 22).
3.2.2.3
Output Data Mapping
The output of the CS9211 is a 24-bit data bus that is artifi-
cially split into two 12-bit data buses by the CS9211’s
adopted nomenclature (UD/LD). The output data presented
on these buses “moves” from pin to pin depending on the
type of panel being used, as determined by the contents of
Offset 404h[21:16] (see Table 3-2).
The mapping is shown in Table 3-4 on page 21. These out-
put buses should be thought of as one 24-bit bus (perhaps
named OUT[23:0]) for ease of the designer’s understand-
ing and to avoid confusion with panels that have a UD/LD-
type data bus nomenclature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com