Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
www.national.com
44
Revision 2.1
Register Descriptions (Continued)
21
PWRUP_PHASE_
0
Panel Power-Up Phase 0: Selects the interval between disabling FP_VCONEN to disabling DIS-
POFF#. This bit is ineffective if independent DISPOFF# control is selected by bit 25.
0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
20
PWRDN_PHASE_
0
Panel Power-Down Phase 0: Selects the interval between disabling panel DISPOFF# to disabling
FP_VCONEN. See Figure 3-13 on page 37. This bit is ineffective if independent DISPOFF# control is
selected by bit 25. 0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
19
PWRDN_PHASE_
1
Panel Power-Down Phase 1: Selects the interval between disabling FP_VCONEN to disabling the
panel data signals. See Figure 3-13 on page 37.
0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
18
PWRDN_PHASE_
2
Panel Power-Down Phase 2: Selects the interval between disabling the panel data signals to dis-
abling panel FP_VDDEN. See Figure 3-13 "Panel Power Sequence" on page 37.
0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
17:0
RSVD
Reserved: These bits are not defined.
Offset 40Ch-40Fh
Dither and Frame Rate Control Register (R/W)
Reset Value = 00000000h
31:16
RSVD
Reserved: These bits are not defined
15:13
REF_CYC
Refresh Cycle Select Bits: Selects the number of refresh cycles for the SDRAM. These cycles occur
during the retrace time at the end each line.
000 = Generate three refresh cycles for the external frame buffer.
001 = Generate one refresh cycle for the external frame buffer.
010 = Generate five refresh cycles for the external frame buffer.
Others = Reserved.
12
DITHER_RAM_
ROM_SEL
Dither RAM or ROM Select: This bit selects either internal ROM or internal RAM as the source of the
dither patterns.
0 = Selects fixed (internal to CS9211) ROM for dither patterns (Default).
1 = Selects programmable (internal to CS9211) RAM for dither patterns.
To update the dither RAM, this bit must = 1.
Note: See Offset 424h[6].
11
GRAY_SCALE_
SEL
Gray Scale Selection: This bit chooses two methods of converting an incoming color pixel stream to
shades of gray for display on monochrome panels. This bit is ignored if Offset 404h[19] is set to 0
(color mode).
0 = Green color only - Only the green pixel data input is used to generate the gray shades.
1 = NTSC weighting - Red, blue and green pixel color inputs are used to generate the gray shades for
the monochrome panel.
10
NEG_IMG
Negative Image: This bit converts the black to white and white to black and all colors in between to
their logical inverse to provide a negative image of the original image. It acts as though the incoming
data stream were logically inverted (1 becomes 0 and 0 becomes 1).
0 = Normal display mode; 1 = Negative image display mode.
9:7
RSVD
Reserved: This bit is not defined.
6:4
NO_OF_FRM
INTENSITIES
Number Of FRM Intensities: The value set by bits [6:4] is the number of intensities that will exist due
to Frame Rate Modulation, prior to dithering. This field selects how many of the incoming most signifi-
cant (MS) data bits (per color) are used to generate the FRM intensities.
000 = 2 FRM intensities (selects 1 MS (most significant) bit for use by FRM).
001 = 4 FRM intensities (selects 2 MS bits for use by FRM).
010 = 8 FRM intensities (selects 3 MS bits for use by FRM).
011 = 16 FRM intensities (selects 4 MS bits for use by FRM).
100 = 32 FRM intensities (selects 5 MS bits for use by FRM).
101, 110, 111 = Reserved.
3:1
DITH_BITS
Dithering Bits Select: This field is used to select the number of least-significant (LS) bits to be used
for the dithering pattern. Dither bits are the least-significant bits of each pixel’s color value.
000 = Reserved
001 = Selects 5 LS bits as dither bits. Number of FRM intensities should be 2 (i.e., bits [6:4] = 000).
010 = Selects 4 LS bits as dither bits. Number of FRM intensities should be 4 (i.e., bits [6:4] = 001).
011 = Selects 3 LS bits as dither bits. Number of FRM intensities should be 8 (i.e., bits [6:4] = 010).
100 = Selects 2 LS bits as dither bits. Number of FRM intensities should be 16 (i.e., bits [6:4] = 011).
101 = Selects LS 1 bit as a dither bit. Number of FRM intensities should be 32 (i.e., bits [6:4] = 100).
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com