Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
www.national.com
42
Revision 2.1
Register Descriptions (Continued)
Offset 404h-407h
Panel Timing Register 2 (R/W)
Reset Value = 00000000h
31
HIGH_RESOL_
MCLK
High Resolution MCLK: Selects the MCLK frequency in terms or the DOTCLK frequency.
This bit should be programmed as “0” for all the DSTN panels with resolutions up to 800x600, where
the memory clock is the same as the DOTCLK. This should be set to “1” for the 1024x768 DSTN
panel to run the memory clock at two-thirds the rate of the DOTCLK.
0 = Memory clock runs at the same frequency as DOTCLK.
1 = Memory clock runs at two-thirds the frequency of the DOTCLK.
30
PASS_THRU
Pass-Through: Activates the Pass-Through mode. In Pass-Through mode, the input timing and the
pixel data are passed directly onto the panel interface timing and the panel data pins to drive the
panel; the internal CS9211 logic and timing is not used. In normal mode, Offset 400h[7:0], 404h[29],
and 404h[27:24] are effective.
0 = Normal mode; output timing uses the logic and timing from the CS9211.
1 = Pass-Through mode; CS9211 internal timing logic functions are not used.
29
LDE_POL_SEL
Display Timing Strobe Polarity Select: Selects the polarity of the LDE pin (pin 32). This can be used
for some TFT panels that require an active low timing LDE.
0 = LDE signal is active low (Default).
1 = LDE signal is active high.
28
RSVD
Reserved: This bit is not defined.
27
PSH_CLK_CTL
Panel Shift Clock Retrace Activity Control: Programs the shift clock (SHFCLK, pin 30) to be either
free running or active only during the display period. Some TFT panels recommend keeping the shift
clock running during the retrace time. This bit has no effect in DSTN or SSTN modes.
0 = Shift clock is active only during active display period.
1 = Shift clock is free running during the entire frame period.
26
LP_HSYNC_SEL
LP/HSYNC Select: Selects the function of LP/HSYNC (pin 31). Set this bit based on the panel type
connected. For DSTN or SSTN panels, set this bit to 0. For TFT panels, set this bit to 1.
0 = LP (output for DSTN/SSTN panel).
1 = HSYNC (output for TFT panel).
25
LDE_SEL
LDE Select: Always set this bit to 1.
0= Reserved
1 = LDE (output for TFT panel).
24
FLM_VSYNC_
SEL
FLM/VSYNC Select: Selects function of FLM/VSYNC (pin 33). Set this bit based on the panel type
connected. For DSTN or SSTN panels, set this bit to 0. For TFT panels, set this bit to 1.
0 = FLM (output for DSTN/SSTN panel).
1 = VSYNC (output for TFT panel).
23
VSYNC_POL
Vertical Sync Output Polarity: Selects positive or negative polarity of the VSYNC output signal (pin
33). This bit is effective only for TFT panels; for this bit to function, bit 24 must be set to 1. Note that
Offset 400h[30] independently controls the polarity of the FP_VSYNC input signal (pin 99).
0 = VSYNC output is active high.
1 = VSYNC output is active low.
22
HSYNC_POL
Horizontal Sync Output Polarity: Selects polarity of output HSYNC signal (pin 31). This bit is effec-
tive only for TFT panels; for this bit to function, bit 26 must be set to 1. Note that Offset 400h[29]
selects independently controls the polarity of the FP_HSYNC input signal (pin 97).
0 = HSYNC output is active high.
1 = HSYNC output is active low.
21:20
DSTN_TFT
Panel Type Select: Selects panel type. The selection of the panel type in conjunction with the
PIX_OUT (bits [18:16]) setting determines how pixel data is mapped on the output LD/UD pins. This
bit also determines the generation of SHFCLK and other panel timing interface signals.
00 = SSTN/DSTN panel
01 = TFT panel
10 = Reserved
11 = Reserved
19
COLOR_MONO
Color/Mono Select: Selects color or monochrome LCD panel. 0 = Color; 1 = Monochrome.
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com