Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) CS9211 Datasheet HTML 54Page - National Semiconductor (TI) CS9211 Datasheet HTML 55Page - National Semiconductor (TI) CS9211 Datasheet HTML 56Page - National Semiconductor (TI) CS9211 Datasheet HTML 57Page - National Semiconductor (TI) CS9211 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
www.national.com
54
Revision 2.1
Electrical Specifications (Continued)
5.5.3
Flat Panel Timing
Figure 5-4. Flat Panel Interface Signals
Table 5-9. Flat Panel Interface Timing (50 pF Output Load)
Symbol
Parameter
DSTN Mode
TFT Mode
Units
Comments
(Note 1)
Min
Max
Min
Max
tP
SHFCLK period
50
---
30
---
ns
tPT
SHFCLK rise/fall transition time
4
3
ns
tPHP
SHFCLK high pulse width
15
---
5
---
ns
tPLP
SHFCLK low pulse width
15
---
5
---
ns
tPOS
Panel output setup to falling SHF-
CLK (Data setup time to the
Panel)
10
---
3
---
ns
tPOH
Panel output hold from falling
SHFCLK (Data hold time to the
panel)
10
---
7
---
ns
1.
All AC tests, unless otherwise specified, are at: VDD = 3.14 to 3.46 (3.3V nominal), TC =0
oCto 85oC, and C
L =50 pF.
SHFCLK
tP
tPHP
tPOH
tPOS
tPT
UD[11:0], LD[11:0]
tPLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com