Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) CS9211 Datasheet HTML 21Page - National Semiconductor (TI) CS9211 Datasheet HTML 22Page - National Semiconductor (TI) CS9211 Datasheet HTML 23Page - National Semiconductor (TI) CS9211 Datasheet HTML 24Page - National Semiconductor (TI) CS9211 Datasheet HTML 25Page - National Semiconductor (TI) CS9211 Datasheet HTML 26Page - National Semiconductor (TI) CS9211 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Revision 2.1
23
www.national.com
Functional Description (Continued)
3.2.3.2
Output Timing Signals
There are two separate pass-through bits to select internal
or external generation of the output timing signals. The
PASS_THRU bit, Offset 404h[30] is global and affects
whether Offset 400h[7:0], Offset 404h[29], and Offset
404h[27:24] control bits will apply or not. The second pass-
through is the HSYNC_SRC bit, Offset 400h[27], and it
determines if the incoming FP_HSYNC pulse will be
passed through unmodified or not. See Table 3-8 on page
24 for descriptions on these bits.
HSYNC
Two groups of bits (Offset 400h[7:5] and Offset 400h[4:0])
control the positions of the leading and trailing edges of the
output HSYNC pulse, also called LP (Latch Pulse), LINE,
or CL1 for some panels. These two groups are effective
only if HSYNC_SRC, Offset 400h[27], is set to 1.
Regardless of the input or output polarity, the two groups of
bits move the leading and trailing edges of the output
HSYNC pulse with respect to the leading edge of the input
HSYNC pulse, as shown in Figure 3-8. Note the difference
between the terms “leading edge” and “rising edge”, and
“trailing edge” and “falling edge”.
Offset 400h[7:5] controls the position of the leading edge of
the output HSYNC pulse with respect to the leading edge
of the input HYSNC pulse. The leading edge of the output
pulse may be delayed with respect to the leading edge of
the input HYSNC pulse in increments of one DOTCLK.
Table 3-6 details the amount of delay in DOTCLK incre-
ments for each setting of Offset 400h[7:5]; note that there
is a skip in the otherwise logical order of increasing delays
from 000 to 001.
Offset 400h[4:0] controls the position of the trailing edge of
the output HSYNC pulse with respect to the leading edge
of the input HYSNC pulse. The trailing edge of the output
pulse may be delayed with respect to the leading edge of
the input HYSNC pulse in increments of one DOTCLK.
Table 3-6 details the amount of delay in DOTCLK incre-
ments for each setting of Offset 400h[4:0]; note that a set-
ting of 00000 will result in no output pulse. Note also that
with this scheme it is possible to erroneously program an
output pulse whose trailing edge occurs before the leading
edge! In such a case there will be no output pulse.
The polarity of the HSYNC output pulse may be controlled
by Offset 404h[22], only if Offset 404h[26] = 1.
Figure 3-8. Control of HSYNC Output
HSYNC
Input
HSYNC
Output
(Pin 97)
(Pin 31)
Leading Edge
Leading Edge
controlled by
Offset 400h[7:5]
Trailing Edge
controlled by
Offset 400h[4:0]
Position
Position
Table 3-6. HSYNC Edge Position Control
HSYNC Leading Edge
HSYNC Trailing Edge
Offset
400h[7:5]
No. of
DOTCLK
Delays
Offset
400h[4:0]
No. of
DOTCLK
Delays
Offset
400h[4:0]
No. of
DOTCLK
Delays
Offset
400h[4:0]
No. of
DOTCLK
Delays
Offset
400[4:0]
No. of
DOTCLK
Delays
000
0
00000
No Pulse
01000
8
10000
16
11000
24
001
2
00001
1
01001
9
10001
17
11001
25
010
3
00010
2
01010
10
10010
18
11010
26
011
4
00011
3
01011
11
10011
19
11011
27
100
5
00100
4
01100
12
10100
20
11100
27
101
6
00101
5
01101
13
10101
21
11101
29
110
7
00110
6
01110
14
10110
22
11110
30
111
8
00111
7
01111
15
10111
23
11111
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com