Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9211 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 27Page - National Semiconductor (TI) CS9211 Datasheet HTML 28Page - National Semiconductor (TI) CS9211 Datasheet HTML 29Page - National Semiconductor (TI) CS9211 Datasheet HTML 30Page - National Semiconductor (TI) CS9211 Datasheet HTML 31Page - National Semiconductor (TI) CS9211 Datasheet HTML 32Page - National Semiconductor (TI) CS9211 Datasheet HTML 33Page - National Semiconductor (TI) CS9211 Datasheet HTML 34Page - National Semiconductor (TI) CS9211 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Revision 2.1
31
www.national.com
Functional Description (Continued)
3.2.7
User-defined Dither Patterns
The CS9211 allows the user to define custom dither pat-
terns, should the pre-programmed patterns prove to be
insufficient. As shown in Table 3-13, this memory is
accessed through Offset 424h (control and address) and
428h (data).
The dither RAM structure is 32 columns x 64 rows, in which
each column represents one 8x8 dither pattern matrix, like
oneofthe matrices showninFigure 3-10. Thefirst row of
the 8x8 matrix goes into rows 0 - 7 of the appropriate col-
umn, with the left-most bit going into row 0 or the column,
and the right-most bit going into row 7 of the column. The
second row goes into rows 8-15 of the same column, and
so on until the eighth row of the 8x8 matrix goes into rows
48-63 of the column. This structure is illustrated in Figure
3-11.
Figure 3-11. Dither Ram Structure
The dither RAM is loaded row by row, not column by col-
umn, so the user must write out each matrix in a column,
then convert the resulting rows to the data to be loaded, via
Offset 424h and 428h. Offset 424 points to the row to be
loaded, and offset 428h supplies the data to the row.
Looking back at Figure 3-9, it is apparent that the dither
patterns associated with Cases 1) and 3) are logical
inverses of each other, thereby precluding the need to
store both of them in the RAM. Data is read back from the
dither RAM either inverted or non-inverted, according to
the MSB of the dither bits. If the MSB of the dither bits is
one, data
will be read from the dither RAM as inverted
data. The user who chooses to define custom dither pat-
terns must maintain inverse dither pattern pairs or else
their patterns will not work correctly.
Table 3-12 indicates which 8x8 matrices go into which col-
umns of the dither RAM. The entries in Table 3-12 are a
fractional form of notation employed to identify the matrix.
As showninFigure3-10, the 8x8 matrices aremadeupof
smaller matrices that are replicated to fill out the 8x8
matrix. The notations in Table 3-12 refer to the smaller
matrices (sub-matrices) from which the 8x8 matrices are
built.
The fractional notation in Table 3-12 identifies a smaller
matrix (sub-matrix) by using a denominator which refers to
the number of squares in the sub-matrix, and a numerator
which refers to the number of “1” entries in a given matrix.
Thus the notation “7/8” refers to a 2 x 4 matrix (from the 3-
bit dithering scheme) which contains 7 ones.
Table 3-12 does not contain all possible ‘fractional’ entries
for a given dithering scheme. For instance, in the 3-bit
schemes, there is no entry for the “1/8” matrix. The “1/8”
matrix (being a 2x4 matrix which contains a single 1) would
be the logical inverse of the “7/8” matrix, hence, storing the
1/8 matrix is unnecessary. Similarly, the “2/8” matrix is the
inverse of the “6/8” matrix, and the “3/8” matrix is the
inverse of the “5/8” matrix. The matrices that are not stored
directly are accessed when the most-significant dither bit is
a 1. An exception is the “0/n” matrix, which contains no
ones. It is stored in INVERSE FORM in column 0, since
there is no stored “n/n” matrix to read the inverse of. The “I”
after any fractional designation in the column 0 and 16
entries entries of Table 3-12 indicates this matrix should be
stored in inverse form.
8x8 matrix
01 2
30 31
0
1
Columns
63
543210
0
0
1
1
1
1
1
1
Offset 424h (row pointer)
Rows
Dither RAM
Table 3-12. Dither RAM Column Usage
Column
Number of Dither Bits
12
3
4
5
00/2 I
0/4 I
0/8 I
0/16 I
0/32 I
1
2
31/32
3
4
15/16
30/32
5
6
29/32
7
8
7/8
14/16
28/32
9
10
27/32
11
12
13/16
26/32
13
14
25/32
15
16
3/4 I
6/8 I
12/16 I
24/32 I
17
18
23/32
19
20
11/16
22/32
21
22
21/32
23
24
5/8
10/16
20/32
25
26
19/32
27
28
9/16
18/32
29
30
17/32
31
1/2
2/4
4/8
8/16
16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com