Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 417Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 418Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 419Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 420Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 421Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 422Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 423Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 424Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 397 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
TGFA
0
R/(W)*
1
Input Capture/Output Compare Flag A
Status flag that indicates the occurrence of TGRA input
capture or compare match. Only 0 can be written, for
flag clearing.
[Clearing conditions]
• When DMAC is activated by TGIA interrupt
• When 0 is written to TGFA after reading
TGFA = 1*
2
[Setting conditions]
• When TCNT = TGRA and TGRA is functioning as
output compare register
• When TCNT value is transferred to TGRA by input
capture signal and TGRA is functioning as input
capture register
Notes: 1. Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
2. When writing to the timer status register (TSR), write 0 to the bit to be cleared after
reading 1. Write 1 to other bits. But 1 is not actually written and the previous value is
held.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com