Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 421Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 422Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 423Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 424Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 425Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 426Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 427Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 428Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 401 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
CMFW5
0
R/(W)*
1
Compare Match/Input Capture Flag W5
Status flag that indicates the occurrence of TGRW_5
input capture or compare match. Only 0 can be written to
clear this flag.
[Clearing condition]
• When 0 is written to CMFW5 after reading CMFW5 =
1
[Setting conditions]
• When TCNTW_5 = TGRW_5 and TGRW_5 is
functioning as output compare register
• When TCNTW_5 value is transferred to TGRW_5 by
input capture signal and TGRW_5 is functioning as
input capture register
• When TCNTW_5 value is transferred to TGRW_5 and
TGRW_5 is functioning as a register for measuring
the pulse width of the external input signal. *
2
Notes: 1. Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
2. Timing for transfer is set by the IOC bit in the timer I/O control register U_5/V_5/W_5
(TIORU_5/V_5/W_5).
10.3.7
Timer Buffer Operation Transfer Mode Register (TBTM)
The TBTM registers are 8-bit readable/writable registers that specify the timing for transferring
data from the buffer register to the timer general register in PWM mode. The MTU2 has three
TBTM registers, one each for channels 0, 3, and 4.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/W
R/W
R/W
-
-
-
-
-
TTSE
TTSB
TTSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com