Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 275Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 276Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 277Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 278Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 279Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 280Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 281Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 282Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 255 of 1200
REJ09B0344-0200
(5)
Burst Write
A burst write occurs in the following cases in this LSI.
• Access size in writing is larger than data bus width.
• 16-byte transfer in DMAC
This LSI always accesses SDRAM with burst length 1. For example, write access of burst length 1
is performed continuously 8 times to write 16-byte continuous data to the SDRAM that is
connected to a 16-bit data bus. This access is called burst write with the burst number 8.
The relationship between the access size and the number of bursts is shown in table 8.12.
Figure 8.17 shows a timing chart for burst writes. In burst write, an ACTV command is output in
the Tr cycle, the WRIT command is issued in the Tc1, Tc2, and Tc3 cycles, and the WRITA
command is issued to execute an auto-precharge in the Tc4 cycle. In the write cycle, the write data
is output simultaneously with the write command. After the write command with the auto-
precharge is output, the Trw1 cycle that waits for the auto-precharge initiation is followed by the
Tap cycle that waits for completion of the auto-precharge induced by the WRITA command in the
SDRAM. Between the Trwl and the Tap cycle, a new command will not be issued to the same
bank. However, access to another CS space or another bank in the same SDRAM space is enabled.
The number of Trw1 cycles is specified by the TRWL1 and TRWL0 bits in CS3WCR. The
number of Tap cycles is specified by the WTRP1 and WTRP0 bits in CS3WCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com