Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 109 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 109 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 105Page - Altera Corporation EP4CE40 Datasheet HTML 106Page - Altera Corporation EP4CE40 Datasheet HTML 107Page - Altera Corporation EP4CE40 Datasheet HTML 108Page - Altera Corporation EP4CE40 Datasheet HTML 109Page - Altera Corporation EP4CE40 Datasheet HTML 110Page - Altera Corporation EP4CE40 Datasheet HTML 111Page - Altera Corporation EP4CE40 Datasheet HTML 112Page - Altera Corporation EP4CE40 Datasheet HTML 113Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–3
I/O Element Features
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 6–1 shows the Cyclone IV devices IOE structure for single data rate (SDR)
operation.
I/O Element Features
The Cyclone IV IOE offers a range of programmable features for an I/O pin. These
features increase the flexibility of I/O utilization and provide a way to reduce the
usage of external discrete components, such as pull-up resistors and diodes.
Programmable Current Strength
The output buffer for each Cyclone IV I/O pin has a programmable current strength
control for certain I/O standards.
The LVTTL, LVCMOS, SSTL-2 Class I and II, SSTL-18 Class I and II, HSTL-18 Class I
and II, HSTL-15 Class I and II, and HSTL-12 Class I and II I/O standards have several
levels of current strength that you can control.
Figure 6–1. Cyclone IV IOEs in a Bidirectional I/O Configuration for SDR Mode
Note to Figure 6–1:
(1) Tri-state control is not available for outputs configured with true differential I/O standards.
D
Q
ENA
D
Q
ENA
VCCIO
VCCIO
Optional
PCI Clamp
Programmable
Pull-Up
Resistor
Bus Hold
Input Pin to
Input Register
Delay
or Input Pin to
Logic Array
Delay
Output
Pin Delay
clkin
oe_in
data_in0
data_in1
sclr/
preset
Chip-Wide Reset
aclr/prn
oe_out
clkout
OE
OE Register
Current Strength Control
Open-Drain Out
Column
or Row
Interconnect
io_clk[5..0]
Slew Rate Control
ACLR
/PRN
ACLR
/PRN
Output Register
D
Q
ENA
ACLR
/PRN
Input Register
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com