Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 114 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 114 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 110Page - Altera Corporation EP4CE40 Datasheet HTML 111Page - Altera Corporation EP4CE40 Datasheet HTML 112Page - Altera Corporation EP4CE40 Datasheet HTML 113Page - Altera Corporation EP4CE40 Datasheet HTML 114Page - Altera Corporation EP4CE40 Datasheet HTML 115Page - Altera Corporation EP4CE40 Datasheet HTML 116Page - Altera Corporation EP4CE40 Datasheet HTML 117Page - Altera Corporation EP4CE40 Datasheet HTML 118Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 488 page
background image
6–8
Chapter 6: I/O Features in Cyclone IV Devices
OCT Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
1 For more details about the differential I/O standards supported in Cyclone IV I/O
banks, refer to “High-Speed I/O Interface” on page 6–24.
On-Chip Series Termination with Calibration
Cyclone IV devices support RS OCT with calibration in the top, bottom, and right I/O
banks. The RS OCT calibration circuit compares the total impedance of the I/O buffer
to the external 25-
Ω ±1% or 50-Ω ±1% resistors connected to the RUP and RDN pins, and
dynamically adjusts the I/O buffer impedance until they match (as shown in
Figure 6–2).
BLVDS
8,12,16
8,12,16
—
—
—
—
1,2,3,4,
5,6,7,8
3,4,5,6,
7,8
0,1,2
—
LVDS (3)
—
—
—
—
—
—
5,6
—
—
PPDS (3), (4)
—
—
—
—
—
—
—
—
RSDS and mini-
LVDS (3), (4)
—
—
—
—
—
—
—
—
Differential LVPECL
(5)
—
—
—
—
—
—
3,4,5,6,
7,8
—
—
Notes to Table 6–2:
(1) The default current strength setting in the Quartus II software is 50-
Ω OCT without calibration for all non-voltage reference and HSTL/SSTL Class I I/O standards.
The default setting is 25-
Ω OCT without calibration for HSTL/SSTL Class II I/O standards.
(2) The differential SSTL-18 and SSTL-2, differential HSTL-18, HSTL-15, and HSTL-12 I/O standards are supported only on clock input pins and PLL output clock pins.
(3) True differential (PPDS, LVDS, mini-LVDS, and RSDS I/O standards) outputs are supported in row I/O banks 1, 2, 5, and 6 only for Cyclone IV E devices and right
I/O banks 5 and 6 only for Cyclone IV GX devices. Differential outputs in column I/O banks require an external resistor network.
(4) This I/O standard is supported for outputs only.
(5) This I/O standard is supported for clock inputs only
(6) The default Quartus II slew rate setting is in bold; 2 for all I/O standards that supports slew rate option.
(7) Differential SSTL-18, differential HSTL-18, HSTL-15, and HSTL-12 I/O standards do not support Class II output.
(8) Cyclone IV GX devices only support right I/O pins.
(9) Altera not only offers current strength that meets the industrial standard specification but also other additional current strengths.
Table 6–2. Cyclone IV Device I/O Features Support (Part 2 of 2)
I/O Standard
IOH/IOL Current Strength
Setting (mA) (1), (9)
RS OCT with
Calibration
Setting, Ohm (
Ω)
RS OCT Without
Calibration
Setting, Ohm (
Ω)
Cyclone
IV E I/O
Banks
Support
Cyclone
IV GX I/O
Banks
Support
Slew
Rate
Option
(6)
PCI-
clamp
Diode
Support
Column I/O
Row I/O
Column
I/O
Row
I/O (8)
Column
I/O
Row
I/O (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com