Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 115 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 115 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 111Page - Altera Corporation EP4CE40 Datasheet HTML 112Page - Altera Corporation EP4CE40 Datasheet HTML 113Page - Altera Corporation EP4CE40 Datasheet HTML 114Page - Altera Corporation EP4CE40 Datasheet HTML 115Page - Altera Corporation EP4CE40 Datasheet HTML 116Page - Altera Corporation EP4CE40 Datasheet HTML 117Page - Altera Corporation EP4CE40 Datasheet HTML 118Page - Altera Corporation EP4CE40 Datasheet HTML 119Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–9
OCT Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
The RS shown in Figure 6–2 is the intrinsic impedance of the transistors that make up
the I/O buffer.
OCT with calibration is achieved using the OCT calibration block circuitry. There is
one OCT calibration block in each of I/O banks 2, 4, 5, and 7 for Cyclone IV E devices
and I/O banks 4, 5, and 7 for Cyclone IV GX devices. Each calibration block supports
each side of the I/O banks. Because there are two I/O banks sharing the same
calibration block, both banks must have the same VCCIO if both banks enable OCT
calibration. If two related banks have different VCCIO, only the bank in which the
calibration block resides can enable OCT calibration.
Figure 6–10 on page 6–18 shows the top-level view of the OCT calibration blocks
placement.
Each calibration block comes with a pair of RUP and RDN pins. When used for
calibration, the RUP pin is connected to VCCIO through an external 25-Ω ±1% or
50-
Ω ±1% resistor for an R
S OCT value of 25 Ω or 50 Ω , respectively. The RDN pin is
connected to GND through an external 25-
Ω ±1% or 50-Ω ±1% resistor for an R
S OCT
value of 25
Ω or 50 Ω , respectively. The external resistors are compared with the
internal resistance using comparators. The resultant outputs of the comparators are
used by the OCT calibration block to dynamically adjust buffer impedance.
1 During calibration, the resistance of the RUP and RDN pins varies.
Figure 6–2. Cyclone IV Devices RS OCT with Calibration
Cyclone IV Device Family
Driver Series Termination
Receiving
Device
VCCIO
RS
RS
ZO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com