Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 119 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 119 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 115Page - Altera Corporation EP4CE40 Datasheet HTML 116Page - Altera Corporation EP4CE40 Datasheet HTML 117Page - Altera Corporation EP4CE40 Datasheet HTML 118Page - Altera Corporation EP4CE40 Datasheet HTML 119Page - Altera Corporation EP4CE40 Datasheet HTML 120Page - Altera Corporation EP4CE40 Datasheet HTML 121Page - Altera Corporation EP4CE40 Datasheet HTML 122Page - Altera Corporation EP4CE40 Datasheet HTML 123Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–13
Termination Scheme for I/O Standards
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Cyclone IV devices support PCI and PCI-X I/O standards at 3.0-V VCCIO. The 3.0-V
PCI and PCI-X I/O are fully compatible for direct interfacing with 3.3-V PCI systems
without requiring any additional components. The 3.0-V PCI and PCI-X outputs meet
the VIH and VIL requirements of 3.3-V PCI and PCI-X inputs with sufficient noise
margin.
f For more information about the 3.3/3.0/2.5-V LVTTL & LVCMOS multivolt I/O
support, refer to AN 447: Interfacing Cyclone III and Cyclone IV Devices with 3.3/3.0/2.5-V
LVTTL/LVCMOS I/O Systems.
Termination Scheme for I/O Standards
This section describes recommended termination schemes for voltage-referenced and
differential I/O standards.
The 3.3-V LVTTL, 3.0-V LVTTL and LVCMOS, 2.5-V LVTTL and LVCMOS, 1.8-V
LVTTL and LVCMOS, 1.5-V LVCMOS, 1.2-V LVCMOS, 3.0-V PCI, and PCI-X
I/O standards do not specify a recommended termination scheme per the JEDEC
standard
LVPECL (7)
Differential
—
2.5
—
v
—
—
v
—
Notes to Table 6–3:
(1) Cyclone IV GX devices only support right I/O pins.
(2) The PCI-clamp diode must be enabled for 3.3-V/3.0-V LVTTL/LVCMOS.
(3) The Cyclone IV architecture supports the MultiVolt I/O interface feature that allows Cyclone IV devices in all packages to interface with I/O
systems that have different supply voltages.
(4) Cyclone IV GX devices do not support 1.2-V VCCIO in banks 3 and 9. I/O pins in bank 9 are dual-purpose I/O pins that are used as configuration
or GPIO pins. Configuration scheme is not support at 1.2 V, therefore bank 9 can not be powered up at 1.2-V VCCIO.
(5) Differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed as inverted. Differential HSTL and SSTL
inputs treat differential inputs as two single-ended HSTL and SSTL inputs and only decode one of them. Differential HSTL and SSTL are only
supported on CLK pins.
(6) PPDS, mini-LVDS, and RSDS are only supported on output pins.
(7) LVPECL is only supported on clock inputs.
(8) Bus LVDS (BLVDS) output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses LVDS input
buffer.
(9) 1.2-V HSTL input is supported at both column and row I/Os regardless of Class I or Class II.
(10) True LVDS, RSDS, and mini-LVDS I/O standards are supported in left and right I/O pins, while emulated LVDS, RSDS, and mini-LVDS I/O
standards are supported in the top, bottom, and right I/O pins.
Table 6–3. Cyclone IV Devices Supported I/O Standards and Constraints (Part 3 of 3)
I/O Standard
Type
Standard
Support
VCCIO Level (in V)
Column I/O Pins
Row I/O Pins (1)
Input
Output
CLK,
DQS
PLL_OUT
User
I/O
Pins
CLK,
DQS
User I/O
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com