Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 121 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 121 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 117Page - Altera Corporation EP4CE40 Datasheet HTML 118Page - Altera Corporation EP4CE40 Datasheet HTML 119Page - Altera Corporation EP4CE40 Datasheet HTML 120Page - Altera Corporation EP4CE40 Datasheet HTML 121Page - Altera Corporation EP4CE40 Datasheet HTML 122Page - Altera Corporation EP4CE40 Datasheet HTML 123Page - Altera Corporation EP4CE40 Datasheet HTML 124Page - Altera Corporation EP4CE40 Datasheet HTML 125Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–15
Termination Scheme for I/O Standards
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Differential I/O Standard Termination
Differential I/O standards typically require a termination resistor between the two
signals at the receiver. The termination resistor must match the differential load
impedance of the bus (refer to Figure 6–7 and Figure 6–8).
Cyclone IV devices support differential SSTL-2 and SSTL-18, differential HSTL-18,
HSTL-15, and HSTL-12, PPDS, LVDS, RSDS, mini-LVDS, and differential LVPECL.
Figure 6–7. Cyclone IV Devices Differential HSTL I/O Standard Class I and Class II Interface and Termination
External
On-Board
Termination
OCT
Transmitter
Receiver
VTT
VTT
Transmitter
Receiver
VTT
VTT
Cyclone IV Device
Family Series OCT
50
Ω
Differential HSTL Class I
Termination
Differential HSTL Class II
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTTVTT
50
Ω
50
Ω
VTT VTT
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTT
VTT
50
Ω 50 Ω
VTT
VTT
Cyclone IV Device
Family Series OCT
25
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
Figure 6–8. Cyclone IV Devices Differential SSTL I/O Standard Class I and Class II Interface and Termination (1)
Note to Figure 6–8:
(1) Only Differential SSTL-2 I/O standard supports Class II output.
Differential SSTL Class I
Differential SSTL Class II
External
On-Board
Termination
OCT
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTT
VTT
25
Ω
25
Ω
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTTVTT
25
Ω
25
Ω
50
Ω
50
Ω
VTT VTT
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTT
VTT
50
Ω 50 Ω
VTT
VTT
Cyclone IV Device
Family Series OCT
25
Ω
Transmitter
Receiver
50
Ω
50
Ω
50
Ω
50
Ω
VTT
VTT
50
Ω
Cyclone IV Device
Family Series OCT
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com