Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 124 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 124 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 120Page - Altera Corporation EP4CE40 Datasheet HTML 121Page - Altera Corporation EP4CE40 Datasheet HTML 122Page - Altera Corporation EP4CE40 Datasheet HTML 123Page - Altera Corporation EP4CE40 Datasheet HTML 124Page - Altera Corporation EP4CE40 Datasheet HTML 125Page - Altera Corporation EP4CE40 Datasheet HTML 126Page - Altera Corporation EP4CE40 Datasheet HTML 127Page - Altera Corporation EP4CE40 Datasheet HTML 128Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 488 page
background image
6–18
Chapter 6: I/O Features in Cyclone IV Devices
I/O Banks
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Figure 6–10 and Figure 6–11 show the overview of Cyclone IV GX I/O banks.
Figure 6–10. Cyclone IV GX I/O Banks for EP4CGX15, EP4CGX22, and EP4CGX30 (1), (2), (9)
Notes to Figure 6–10:
(1) This is a top view of the silicon die. For exact pin locations, refer to the pin list and the Quartus II software. Channels 2 and 3 are not available in
EP4CGX15 and F169 package type in EP4CGX22 and EP4CGX30 devices.
(2) True differential (PPDS, LVDS, mini-LVDS, and RSDS I/O standards) outputs are supported in row I/O banks 5 and 6 only. External resistors are
needed for the differential outputs in column I/O banks.
(3) The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output pins.
(4) The HSTL-12 Class II is supported in column I/O banks 4, 7, and 8.
(5) The differential SSTL-18 and SSTL-2, differential HSTL-18, and HSTL-15 I/O standards are supported only on clock input pins and phase-locked
loops (PLLs) output clock pins. PLL output clock pins do not support Class II interface type of differential SSTL-18, HSTL-18, HSTL-15, and
HSTL-12 I/O standards.
(6) The differential HSTL-12 I/O standard is only supported on clock input pins and PLL output clock pins. Differential HSTL-12 Class II is supported
only in column I/O banks 4, 7, and 8.
(7) BLVDS output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses the LVDS input buffer.
(8) The PCI-X I/O standard does not meet the IV curve requirement at the linear region.
(9) The OCT block is located in the shaded banks 4, 5, and 7.
(10) There are two dedicated clock input I/O banks (I/O bank 3A and I/O bank 8A) that can be used for either high-speed serial interface (HSSI) input
reference clock pins or clock input pins.
(11) There are dual-purpose I/O pins in bank 9. If input pins with VREF I/O standards are used on these dual-purpose I/O pins during user mode, they
share the VREF pin in bank 8.These dual-purpose IO pins in bank 9 when used in user mode also support RS OCT without calibration and they
share the OCT block with bank 8.
(12) There are four dedicated clock input in I/O bank 3B for the EP4CGX30F484 device that can be used for either HSSI input reference clock pins or
clock input pins.
VCCIO9
Configuration
pins
Configuration pins
VCC_CLKIN3A
VCC_CLKIN3B
I/O Bank 3
I/O Bank
3A
(10)
I/O Bank 8
I/O Bank 9
(11)
I/O Bank
8A
(10)
Right, Top, and Bottom Banks Support:
3.3-V LVTTL/LVCMOS
3.0-V LVTTL/LVCMOS
2.5-V LVTTL/LVCMOS
1.8-V LVTTL/LVCMOS
1.5-V LVCMOS
1.2-V LVCMOS
PPDS
LVDS
RSDS
mini-LVDS
Bus LVDS (
7)
LVPECL
(3)
SSTL-2 class I and II
SSTL-18 Class I and II
HSTL-18 Class I and II
HSTL-15 Class I and II
HSTL-12 Class I and II
(4)
Differential SSTL-2
(5)
Differential SSTL-18
(5)
Differential HSTL-18
(5)
Differential HSTL-15
(5)
Differential HSTL-12
(6)
3.0-V PCI/PCI-X
(8)
VCCIO7
VCCIO6
VCCIO5
VCCIO4
VCCIO3
Configuration pins
VCC_CLKIN8A
VCCIO8
I/O Bank 7
I/O Bank 4
I/O bank with
calibration block
I/O bank without
calibration block
Calibration block
coverage
I/O Bank
3B
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com