Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 127 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 127 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 123Page - Altera Corporation EP4CE40 Datasheet HTML 124Page - Altera Corporation EP4CE40 Datasheet HTML 125Page - Altera Corporation EP4CE40 Datasheet HTML 126Page - Altera Corporation EP4CE40 Datasheet HTML 127Page - Altera Corporation EP4CE40 Datasheet HTML 128Page - Altera Corporation EP4CE40 Datasheet HTML 129Page - Altera Corporation EP4CE40 Datasheet HTML 130Page - Altera Corporation EP4CE40 Datasheet HTML 131Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 488 page
background image
Each Cyclone IV I/O bank has its own VCCIO pins. Each I/O bank can support only one VCCIO setting from among 1.2, 1.5, 1.8,
2.5, 3.0, or 3.3 V. Any number of supported single-ended or differential standards can be simultaneously supported in a single
I/O bank, as long as they use the same VCCIO levels for input and output pins.
8
1
1
1
1
1
1
2
2
2
2
2
2
1
1
1
4
4
4
4
4
4
4
2
2
2
3
3
3
3
3
Note to Table 6–4:
(1) User I/O pins are used as inputs or outputs; clock input pins are used as inputs only; clock output pins are used as output only.
Table 6–4. Number of VREF Pins Per I/O Bank for Cyclone IV E Devices
(Part 2 of 2)
I/O
Bank
(1)
Table 6–5. Number of VREF Pins Per I/O Bank for Cyclone IV GX Devices
Device
4CGX15
4CGX22
4CGX30
4CGX50
4CGX75
4CGX110
4CGX150
I/O Bank
(1)
3
1
1
1
3
3
3
3
3
4
1
1
1
3
3
3
3
3
5
1
1
1
3
3
3
3
3
6
1
1
1
3
3
3
3
3
7
1
1
1
3
3
3
3
3
8 (2)
1
1
1
3
3
3
3
3
Notes to Table 6–5:
(1) User I/O pins are used as inputs or outputs; clock input pins are used as inputs only; clock output pins are used as output only.
(2) Bank 9 does not have VREF pin. If input pins with VREF I/O standards are used in bank 9 during user mode, it shares the VREF pin in bank 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com