Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 131 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 131 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 127Page - Altera Corporation EP4CE40 Datasheet HTML 128Page - Altera Corporation EP4CE40 Datasheet HTML 129Page - Altera Corporation EP4CE40 Datasheet HTML 130Page - Altera Corporation EP4CE40 Datasheet HTML 131Page - Altera Corporation EP4CE40 Datasheet HTML 132Page - Altera Corporation EP4CE40 Datasheet HTML 133Page - Altera Corporation EP4CE40 Datasheet HTML 134Page - Altera Corporation EP4CE40 Datasheet HTML 135Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–25
High-Speed I/O Interface
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Table 6–6 and Table 6–7 summarize which I/O banks support these I/O standards in
the Cyclone IV device family.
Table 6–6. Differential I/O Standards Supported in Cyclone IV E I/O Banks
Differential I/O Standards
I/O Bank Location
External Resistor
Network at Transmitter
Transmitter (TX)
Receiver (RX)
LVDS
1,2,5,6
Not Required
v
v
All
Three Resistors
RSDS
1,2,5,6
Not Required
v
—
3,4,7,8
Three Resistors
All
Single Resistor
mini-LVDS
1,2,5,6
Not Required
v
—
All
Three Resistors
PPDS
1,2,5,6
Not Required
v
—
All
Three Resistors
BLVDS (1)
All
Single Resistor
v
v
LVPECL (2)
All
—
—
v
Differential SSTL-2 (3)
All
—
v
v
Differential SSTL-18 (3)
All
—
v
v
Differential HSTL-18 (3)
All
—
v
v
Differential HSTL-15 (3)
All
—
v
v
Differential HSTL-12 (3), (4)
All
—
v
v
Notes to Table 6–6:
(1) Transmitter and Receiver fMAX depend on system topology and performance requirement.
(2) The LVPECL I/O standard is only supported on dedicated clock input pins.
(3) The differential SSTL-2, SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards are only supported on clock input pins and PLL output clock
pins. PLL output clock pins do not support Class II interface type of differential SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards.
(4) Differential HSTL-12 Class II is supported only in column I/O banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com