Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 135 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 135 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 131Page - Altera Corporation EP4CE40 Datasheet HTML 132Page - Altera Corporation EP4CE40 Datasheet HTML 133Page - Altera Corporation EP4CE40 Datasheet HTML 134Page - Altera Corporation EP4CE40 Datasheet HTML 135Page - Altera Corporation EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–29
High-Speed I/O Standards Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
The CLKIN/REFCLK pins are powered by dedicated VCC_CLKIN3A, VCC_CLKIN3B,
VCC_CLKIN8A, and VCC_CLKIN8B power supplies separately in their respective I/O banks
to avoid the different power level requirements in the same bank for GPIO.
f For more information about the AC-coupled termination scheme for the HSSI
reference clock, refer to the Cyclone IV Transceivers Architecture chapter.
LVDS I/O Standard Support in Cyclone IV Devices
The LVDS I/O standard is a high-speed, low-voltage swing, low power, and GPIO
interface standard. Cyclone IV devices meet the ANSI/TIA/EIA-644 standard with
the following exceptions:
■
The maximum differential output voltage (VOD) is increased to 600 mV. The
maximum VOD for ANSI specification is 450 mV.
■
The input voltage range is reduced to the range of 1.0 V to 1.6 V, 0.5 V to 1.85 V, or
0 V to 1.8 V based on different frequency ranges. The ANSI/TIA/EIA-644
specification supports an input voltage range of 0 V to 2.4 V.
f For LVDS I/O standard electrical specifications in Cyclone IV devices, refer to the
Cyclone IV Device Datasheet chapter.
Table 6–10. Cyclone IV GX HSSI REFCLK I/O Standard Support Using GPIO CLKIN Pins (1), (2)
I/O Standard
HSSI Protocol
Coupling
Termination
VCC_CLKIN Level
I/O Pin Type
Input
Output
Column
I/O
Row
I/O
Supported I/O
Banks
LVDS
All
Differential
AC (Need
off chip
resistor to
restore
VCM)
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
LVPECL
All
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
1.2V, 1.5V,
3.3V PCML
All
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
All
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
All
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
HCSL
PCIe
Differential
DC
Off chip
2.5V
Not
supported
Yes
No
3A, 3B, 8A, 8B
Notes to Table 6–10:
(1) The EP4CGX15, EP4CGX22, and EP4CGX30 devices have two pairs of dedicated clock input pins in banks 3A and 8A for HSSI input reference
clock. I/O banks 3B and 8B are not available in EP4CGX15, EP4CGX22, and EP4CGX30 devices.
(2) The EP4CGX50, EP4CGX75, EP4CGX110, and EP4CGX150 devices have four pairs of dedicated clock input pins in banks 3A, 3B, 8A, and 8B
for HSSI input or single-ended clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com