Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 136 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 136 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 132Page - Altera Corporation EP4CE40 Datasheet HTML 133Page - Altera Corporation EP4CE40 Datasheet HTML 134Page - Altera Corporation EP4CE40 Datasheet HTML 135Page - Altera Corporation EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 488 page
background image
6–30
Chapter 6: I/O Features in Cyclone IV Devices
High-Speed I/O Standards Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Designing with LVDS
Cyclone IV I/O banks support the LVDS I/O standard. The Cyclone IV GX right I/O
banks support true LVDS transmitters while the Cyclone IV E left and right I/O banks
support true LVDS transmitters. On the top and bottom I/O banks, the emulated
LVDS transmitters are supported using two single-ended output buffers with external
resistors. One of the single-ended output buffers is programmed to have opposite
polarity. The LVDS receiver requires an external 100-
Ω termination resistor between
the two signals at the input buffer.
Figure 6–12 shows a point-to-point LVDS interface using Cyclone IV devices true
LVDS output and input buffers.
Figure 6–13 shows a point-to-point LVDS interface with Cyclone IV devices LVDS
using two single-ended output buffers and external resistors.
BLVDS I/O Standard Support in Cyclone IV Devices
The BLVDS I/O standard is a high-speed differential data transmission technology
that extends the benefits of standard point-to-point LVDS to multipoint configuration
that supports bidirectional half-duplex communication. BLVDS differs from standard
LVDS by providing a higher drive to achieve similar signal swings at the receiver
while loaded with two terminations at both ends of the bus.
Figure 6–12. Cyclone IV Devices LVDS Interface with True Output Buffer on the Right I/O Banks
Transmitting Device
Cyclone IV Device
100
Ω
Cyclone IV
Device
Family Logic
Array
100
Ω
Input Buffer
Output Buffer
Receiving Device
txout +
txout -
rxin +
rxin -
txout +
txout -
rxin +
rxin -
50
Ω
50
Ω
50
Ω
50
Ω
Figure 6–13. LVDS Interface with External Resistor Network on the Top and Bottom I/O Banks
(1)
Note to Figure 6–13:
(1) RS = 120
Ω. RP = 170 Ω.
LVDS Receiver
100
Ω
50
Ω
Cyclone IV Device
Resistor Network
Emulated
LVDS Transmitter
RS
RP
RS
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com