Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 138 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 138 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 134Page - Altera Corporation EP4CE40 Datasheet HTML 135Page - Altera Corporation EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation EP4CE40 Datasheet HTML 141Page - Altera Corporation EP4CE40 Datasheet HTML 142Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 488 page
background image
6–32
Chapter 6: I/O Features in Cyclone IV Devices
High-Speed I/O Standards Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
RSDS, Mini-LVDS, and PPDS I/O Standard Support in Cyclone IV Devices
The RSDS, mini-LVDS, and PPDS I/O standards are used in chip-to-chip applications
between the timing controller and the column drivers on the display panels such as
LCD monitor panels and LCD televisions. Cyclone IV devices meet the National
Semiconductor Corporation RSDS Interface Specification, Texas Instruments
mini-LVDS Interface Specification, and National Semiconductor Corporation PPDS
Interface Specification to support RSDS, mini-LVDS and PPDS output standards,
respectively.
f For Cyclone IV devices RSDS, mini-LVDS, and PPDS output electrical specifications,
refer to the Cyclone IV Device Datasheet chapter.
f For more information about the RSDS I/O standard, refer to the RSDS specification
from the National Semiconductor website (www.national.com).
Designing with RSDS, Mini-LVDS, and PPDS
Cyclone IV I/O banks support RSDS, mini-LVDS, and PPDS output standards. The
right I/O banks support true RSDS, mini-LVDS, and PPDS transmitters. On the top
and bottom I/O banks, RSDS, mini-LVDS, and PPDS transmitters are supported using
two single-ended output buffers with external resistors. The two single-ended output
buffers are programmed to have opposite polarity.
Figure 6–15 shows an RSDS, mini-LVDS, or PPDS interface with a true output buffer.
Figure 6–16 shows an RSDS, mini-LVDS, or PPDS interface with two single-ended
output buffers and external resistors.
Figure 6–15. Cyclone IV Devices RSDS, Mini-LVDS, or PPDS Interface with True Output Buffer on
the Right I/O Banks
Figure 6–16. RSDS, Mini-LVDS, or PPDS Interface with External Resistor Network on the Top and
Bottom I/O Banks
(1)
Cyclone IV Device
100
Ω
50
Ω
50
Ω
True RSDS, Mini-LVDS,
or PPDS Transmitter
RSDS, Mini-LVDS,
or PPDS Receiver
100
Ω
50
Ω
Cyclone IV Device
Resistor Network
R
S
R
P
R
S
50
Ω
Emulated RSDS,
Mini-LVDS, or PPDS
Transmitter
RSDS, Mini-LVDS,
or PPDS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com