Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 139 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 139 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 135Page - Altera Corporation EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation EP4CE40 Datasheet HTML 141Page - Altera Corporation EP4CE40 Datasheet HTML 142Page - Altera Corporation EP4CE40 Datasheet HTML 143Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–33
High-Speed I/O Standards Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
A resistor network is required to attenuate the output voltage swing to meet RSDS,
mini-LVDS, and PPDS specifications when using emulated transmitters. You can
modify the resistor network values to reduce power or improve the noise margin.
The resistor values chosen must satisfy Equation 6–1.
1 Altera recommends that you perform simulations using Cyclone IV devices IBIS
models to validate that custom resistor values meet the RSDS, mini-LVDS, or PPDS
requirements.
It is possible to use a single external resistor instead of using three resistors in the
resistor network for an RSDS interface, as shown in Figure 6–17. The external
single-resistor solution reduces the external resistor count while still achieving the
required signaling level for RSDS. However, the performance of the single-resistor
solution is lower than the performance with the three-resistor network.
Figure 6–17 shows the RSDS interface with a single resistor network on the top and
bottom I/O banks.
Note to Figure 6–16:
(1) RS and RP values are pending characterization.
Equation 6–1. Resistor Network
Figure 6–16. RSDS, Mini-LVDS, or PPDS Interface with External Resistor Network on the Top and
Bottom I/O Banks
(1)
RS
RP
2
-------
×
RS
RP
2
-------
+
--------------------
50
Ω
=
Figure 6–17. RSDS Interface with Single Resistor Network on the Top and Bottom I/O Banks (1)
Note to Figure 6–17:
(1) RP value is pending characterization.
RSDS Receiver
100
Ω
50
Ω
Cyclone IV Device
Single Resistor Network
Emulated
RSDS Transmitter
R
P
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com