Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 141 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 141 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation EP4CE40 Datasheet HTML 141Page - Altera Corporation EP4CE40 Datasheet HTML 142Page - Altera Corporation EP4CE40 Datasheet HTML 143Page - Altera Corporation EP4CE40 Datasheet HTML 144Page - Altera Corporation EP4CE40 Datasheet HTML 145Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–35
True Differential Output Buffer Feature
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Differential SSTL I/O Standard Support in Cyclone IV Devices
The differential SSTL I/O standard is a memory-bus standard used for applications
such as high-speed DDR SDRAM interfaces. Cyclone IV devices support differential
SSTL-2 and SSTL-18 I/O standards. The differential SSTL output standard is only
supported at PLL#_CLKOUT pins using two single-ended SSTL output buffers
(PLL#_CLKOUTp and PLL#_CLKOUTn), with the second output programmed to have
opposite polarity. The differential SSTL input standard is supported on the GCLK
pins only, treating differential inputs as two single-ended SSTL and only decoding
one of them.
The differential SSTL I/O standard requires two differential inputs with an external
reference voltage (VREF) as well as an external termination voltage (VTT) of 0.5 × VCCIO
to which termination resistors are connected.
f For differential SSTL electrical specifications, refer to “Differential I/O Standard
Termination” on page 6–15 and the Cyclone IV Device Datasheet chapter.
1 Figure 6–8 on page 6–15 shows the differential SSTL Class I and Class II interface.
Differential HSTL I/O Standard Support in Cyclone IV Devices
The differential HSTL I/O standard is used for the applications designed to operate in
0 V to 1.2 V, 0 V to 1.5 V, or 0 V to 1.8 V HSTL logic switching range. Cyclone IV
devices support differential HSTL-18, HSTL-15, and HSTL-12 I/O standards. The
differential HSTL input standard is available on GCLK pins only, treating the
differential inputs as two single-ended HSTL and only decoding one of them. The
differential HSTL output standard is only supported at the PLL#_CLKOUT pins using
two single-ended HSTL output buffers (PLL#_CLKOUTp and PLL#_CLKOUTn), with the
second output programmed to have opposite polarity.
The differential HSTL I/O standard requires two differential inputs with an external
reference voltage (VREF), as well as an external termination voltage (VTT) of 0.5 × VCCIO
to which termination resistors are connected.
f For differential HSTL signaling characteristics, refer to “Differential I/O Standard
Termination” on page 6–15 and the Cyclone IV Device Datasheet chapter.
1 Figure 6–7 on page 6–15 shows the differential HSTL Class I and Class II interface.
True Differential Output Buffer Feature
Cyclone IV devices true differential transmitters offer programmable
pre-emphasis—you can turn it on or off. The default setting is on.
Programmable Pre-Emphasis
The programmable pre-emphasis boosts the high frequencies of the output signal to
compensate the frequency-dependant attenuation of the transmission line to
maximize the data eye opening at the far-end receiver. Without pre-emphasis, the
output current is limited by the VOD specification and the output impedance of the
transmitter. At high frequency, the slew rate may not be fast enough to reach full VOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com