Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 137 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 137 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 133Page - Altera Corporation EP4CE40 Datasheet HTML 134Page - Altera Corporation EP4CE40 Datasheet HTML 135Page - Altera Corporation EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation EP4CE40 Datasheet HTML 141Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 488 page
background image
Chapter 6: I/O Features in Cyclone IV Devices
6–31
High-Speed I/O Standards Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 6–14 shows a typical BLVDS topology with multiple transmitter and receiver
pairs.
The BLVDS I/O standard is supported on the top, bottom, and right I/O banks of
Cyclone IV devices. The BLVDS transmitter uses two single-ended output buffers
with the second output buffer programmed as inverted, while the BLVDS receiver
uses a true LVDS input buffer. The transmitter and receiver share the same pins. An
output-enabled (OE) signal is required to tristate the output buffers when the LVDS
input buffer receives a signal.
f For more information, refer to the Cyclone IV Device Datasheet chapter.
Designing with BLVDS
The BLVDS bidirectional communication requires termination at both ends of the bus
in BLVDS. The termination resistor (RT) must match the bus differential impedance,
which in turn depends on the loading on the bus. Increasing the load decreases the
bus differential impedance. With termination at both ends of the bus, termination is
not required between the two signals at the input buffer. A single series resistor (RS) is
required at the output buffer to match the output buffer impedance to the
transmission line impedance. However, this series resistor affects the voltage swing at
the input buffer. The maximum data rate achievable depends on many factors.
1 Altera recommends that you perform simulation using the IBIS model while
considering factors such as bus loading, termination values, and output and input
buffer location on the bus to ensure that the required performance is achieved.
f For more information about BLVDS interface support in Altera devices, refer to
AN 522: Implementing Bus LVDS Interface in Supported Altera Device Families.
Figure 6–14. BLVDS Topology with Cyclone IV Devices Transmitters and Receivers
VCC
RT
50
Ω
100 k
Ω
100 k
Ω
GND
Output
Data
Input
Data
Output
Data
Input
Data
Output
Data
Input
Data
VCC
RT
100 k
Ω
100 k
Ω
GND
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com