Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 140 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 140 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 136Page - Altera Corporation EP4CE40 Datasheet HTML 137Page - Altera Corporation EP4CE40 Datasheet HTML 138Page - Altera Corporation EP4CE40 Datasheet HTML 139Page - Altera Corporation EP4CE40 Datasheet HTML 140Page - Altera Corporation EP4CE40 Datasheet HTML 141Page - Altera Corporation EP4CE40 Datasheet HTML 142Page - Altera Corporation EP4CE40 Datasheet HTML 143Page - Altera Corporation EP4CE40 Datasheet HTML 144Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 488 page
background image
6–34
Chapter 6: I/O Features in Cyclone IV Devices
High-Speed I/O Standards Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
LVPECL I/O Support in Cyclone IV Devices
The LVPECL I/O standard is a differential interface standard that requires a 2.5-V
VCCIO. This standard is used in applications involving video graphics,
telecommunications, data communications, and clock distribution. Cyclone IV
devices support the LVPECL input standard at the dedicated clock input pins only.
The LVPECL receiver requires an external 100-
Ω termination resistor between the two
signals at the input buffer.
f For the LVPECL I/O standard electrical specification, refer to the Cyclone IV Device
Datasheet chapter.
AC coupling is required when the LVPECL common mode voltage of the output
buffer is higher than the Cyclone IV devices LVPECL input common mode voltage.
Figure 6–18 shows the AC-coupled termination scheme. The 50-
Ω resistors used at the
receiver are external to the device. DC-coupled LVPECL is supported if the LVPECL
output common mode voltage is in the Cyclone IV devices LVPECL input buffer
specification (refer to Figure 6–19).
Figure 6–19 shows the LVPECL DC-coupled termination.
Figure 6–18. LVPECL AC-Coupled Termination (1)
Note to Figure 6–18:
(1) The LVPECL AC-coupled termination is applicable only when an Altera FPGA transmitter is used.
Figure 6–19. LVPECL DC-Coupled Termination (1)
Note to Figure 6–19:
(1) The LVPECL DC-coupled termination is applicable only when an Altera FPGA transmitter is used.
Cyclone IV Device
LVPECL Receiver
50
Ω
50
Ω
VICM
Z0 = 50 Ω
Z0 = 50 Ω
LVPECL
Transmitter
0.1 µF
0.1 µF
Cyclone IV Device
LVPECL Receiver
100
Ω
50
Ω
50
Ω
LVPECL Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com