| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 129 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 129 Page - Altera Corporation |
|
129 / 488 page ![]() Chapter 6: I/O Features in Cyclone IV Devices 6–23 Pad Placement and DC Guidelines May 2013 Altera Corporation Cyclone IV Device Handbook, Volume 1 External Memory Interfacing Cyclone IV devices support I/O standards required to interface with a broad range of external memory interfaces, such as DDR SDRAM, DDR2 SDRAM, and QDR II SRAM. f For more information about Cyclone IV devices external memory interface support, refer to the External Memory Interfaces in Cyclone IV Devices chapter. Pad Placement and DC Guidelines You can use the Quartus II software to validate your pad and pin placement. Pad Placement Altera recommends that you create a Quartus II design, enter your device I/O assignments and compile your design to validate your pin placement. The Quartus II software checks your pin connections with respect to the I/O assignment and placement rules to ensure proper device operation. These rules depend on device density, package, I/O assignments, voltage assignments and other factors that are not fully described in this chapter. f For more information about how the Quartus II software checks I/O restrictions, refer to the I/O Management chapter in volume 2 of the Quartus II Handbook. DC Guidelines For the Quartus II software to automatically check for illegally placed pads according to the DC guidelines, set the DC current sink or source value to Electromigration Current assignment on each of the output pins that are connected to the external resistive load. The programmable current strength setting has an impact on the amount of DC current that an output pin can source or sink. Determine if the current strength setting is sufficient for the external resistive load condition on the output pin. Clock Pins Functionality Cyclone IV clock pins have multiple purposes, as per listed: ■ CLK pins—Input support for single-ended and voltage-referenced standards. For I/O standard support, refer to Table 6–3 on page 6–11. ■ DIFFCLK pins—Input support for differential standards. For I/O standard support, refer to Table 6–3 on page 6–11. When used as DIFFCLK pins, DC or AC coupling can be used depending on the interface requirements and external termination is required. For more information, refer to “High-Speed I/O Standards Support” on page 6–28. ■ REFCLK pins—Input support for high speed differential reference clocks used by the transceivers in Cyclone IV GX devices. For I/O support, coupling, and termination requirements, refer to Table 6–10 on page 6–29. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |